Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE15A Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # P6KE15A
Description  Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

P6KE15A Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  P6KE15A Datasheet HTML 1Page - Cystech Electonics Corp. P6KE15A Datasheet HTML 2Page - Cystech Electonics Corp. P6KE15A Datasheet HTML 3Page - Cystech Electonics Corp. P6KE15A Datasheet HTML 4Page - Cystech Electonics Corp. P6KE15A Datasheet HTML 5Page - Cystech Electonics Corp. P6KE15A Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C758LG
Issued Date : 2009.05.12
Revised Date :2009.06.15
Page No. : 2/6
P6KE6.8 thru P6KE550CA
CYStek Product Specification
Maximum Ratings and Characteristics(TA=25
°C, unless otherwise noted)
Parameter
Symbol
Value
Unit
Peak power dissipation with a 10/1000μs waveform (Fig. 1)
PPPM
Minimum 600 (Note 1)
W
Peak pulse current with a 10/1000μs waveform
(Note 1)
IPPM
See next table
A
Steady state power dissipation at TL=75
°C, lead length 0.375”
(0.95mm)
(Note 2)
PM(AV)
5
W
Peak forward surge current, 8.3ms single half sine wave (Note 3)
IFSM
100
A
Maximum instantaneous forward voltage at 50A for
unidirectional only
(Note 4)
VF
3.5/5.0
V
Typical thermal resistance, junction-to-lead
RθJL
20
°C/W
Typical thermal resistance, junction-to-ambient
RθJA
75
°C/W
Operating junction and storage temperature range
TJ;TSTG
-55 ~ +150
°C
Notes : 1.Non-repetitive current pulse, per Fig. 3 and derated above TA=25°C per Fig. 2
2.Mounted on copper pad area of 1.6”×1.6” (40mm×40mm) per Fig. 5
3.Measured on 8.3ms single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum
4.VF=3.5V for devices of V(BR)<220V, and VF=5V maximum for devices of V(BR)>220V
Electrical Characteristics (Ratings at 25℃ ambient temperature, unless otherwise noted)
Breakdown Voltage
V(BR)
(V)
1
Device
Min
Max
Test current
at IT
(mA)
Standoff
voltage
VWM
(V)
Maximum
reverse
leakage at
VWM
ID
3
(
μA)
Maximum
peak pulse
Current
IPPM
2
(A)
Maximum
clamping
voltage at
IPPM
VC
(V)
Maximum
temperature
coefficient of
V(BR)
(%/°C)
P6KE6.8
6.12
7.48
10
5.50
1000
55.6
10.8
0.057
P6KE6.8A
6.45
7.14
10
5.80
1000
57.1
10.5
0.057
P6KE7.5
6.75
8.25
10
6.05
500
51.3
11.7
0.061
P6KE7.5A
7.13
7.88
10
6.40
500
53.1
11.3
0.061
P6KE8.2
7.38
9.02
10
6.63
200
48.0
12.5
0.065
P6KE8.2A
7.79
8.61
10
7.02
200
49.6
12.1
0.065
P6KE9.1
8.19
10.0
1.0
7.37
50
43.5
13.8
0.068
P6KE9.1A
8.65
9.55
1.0
7.78
50
44.8
13.4
0.068
P6KE10
9.00
11.0
1.0
8.10
10
40.0
15.0
0.073
P6KE10A
9.50
10.5
1.0
8.55
10
41.4
14.5
0.073
P6KE11
9.90
12.1
1.0
8.92
5.0
37.0
16.2
0.075
P6KE11A
10.5
11.6
1.0
9.40
5.0
38.5
15.6
0.075
P6KE12
10.8
13.2
1.0
9.72
5.0
34.7
17.3
0.076
P6KE12A
11.4
12.6
1.0
10.2
5.0
35.9
16.7
0.078
P6KE13
11.7
14.3
1.0
10.5
5.0
31.6
19.0
0.081
P6KE13A
12.4
13.7
1.0
11.1
5.0
33.0
18.2
0.081
P6KE15
13.5
16.5
1.0
12.1
1.0
27.3
22.0
0.084
P6KE15A
14.3
15.8
1.0
12.8
1.0
28.3
21.2
0.084
P6KE16
14.4
17.6
1.0
12.9
1.0
25.5
23.5
0.086
P6KE16A
15.2
16.8
1.0
13.6
1.0
26.7
22.5
0.086


Similar Part No. - P6KE15A

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
P6KE15A DAESAN-P6KE15A Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
Zowie Technology Corpor...
P6KE15A ZOWIE-P6KE15A Datasheet
83Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
HuaXinAn Electronics CO...
P6KE15A HUAXINAN-P6KE15A Datasheet
360Kb / 5P
   600W Transient Voltage Suppressors
logo
Motorola, Inc
P6KE15A MOTOROLA-P6KE15A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
STMicroelectronics
P6KE15A STMICROELECTRONICS-P6KE15A Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
More results

Similar Description - P6KE15A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com