Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL1084A-2.5F3 Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # PL1084A-2.5F3
Description  5A Low Dropout Positive Voltage Regulator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

PL1084A-2.5F3 Datasheet(HTML) 6 Page - Cystech Electonics Corp.

  PL1084A-2.5F3 Datasheet HTML 1Page - Cystech Electonics Corp. PL1084A-2.5F3 Datasheet HTML 2Page - Cystech Electonics Corp. PL1084A-2.5F3 Datasheet HTML 3Page - Cystech Electonics Corp. PL1084A-2.5F3 Datasheet HTML 4Page - Cystech Electonics Corp. PL1084A-2.5F3 Datasheet HTML 5Page - Cystech Electonics Corp. PL1084A-2.5F3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C547F3
Issued Date : 2007.09.26
Revised Date
Page No. : 6/6
PL1084A-XXXF3
CYStek Product Specification
TO-263 Dimension
*:Typical
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
A
B
C
D
12
3
K
L
J
G
H
F
E
2
α1
α2
α3
I
Style : Pin 1.ADJ(GND)
2.Vout(TAB)
3.Vin
3-Lead Plastic Surface Mounted Package
CYStek Package Code : F3
Marking :
1.5V→-15
1.8V→-18
2.5V→-25
3.3V→-33
5.0V→-50
ADJ→
blank
Vout :
Date Code
Device name
1084A
□□□
□□□□
DIM
Min.
Max.
Min.
Max.
A
0.3800
0.4050
9.65
10.29
I
0.0500
0.0700
1.27
1.78
B
0.3300
0.3700
8.38
9.40
J
-
*0.1000
-
*2.54
C
-
0.0550
-
1.40
K
0.0450
0.0550
1.14
1.40
D
0.5750
0.6250
14.61
15.88
L
0.0200
0.0390
0.51
0.99
E
0.1600
0.1900
4.06
4.83
α1
-
-
6
°
8
°
F
0.0450
0.0550
1.14
1.40
α2
-
-
6
°
8
°
G
0.0900
0.1100
2.29
2.79
α3
-
-
0
°
5
°
H
0.0180
0.0290
0.46
0.74
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : 42 Alloy ; solder plating
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Similar Part No. - PL1084A-2.5F3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL1084-1.5 CYSTEKEC-PL1084-1.5 Datasheet
168Kb / 4P
   5A Low Dropout Positive Voltage Regulator
PL1084-1.5 CYSTEKEC-PL1084-1.5 Datasheet
165Kb / 4P
   5A Low Dropout Positive Voltage Regulator
PL1084-1.5E3 CYSTEKEC-PL1084-1.5E3 Datasheet
168Kb / 4P
   5A Low Dropout Positive Voltage Regulator
PL1084-1.5F3 CYSTEKEC-PL1084-1.5F3 Datasheet
165Kb / 4P
   5A Low Dropout Positive Voltage Regulator
PL1084-1.5J3 CYSTEKEC-PL1084-1.5J3 Datasheet
267Kb / 6P
   5A Low Dropout Positive Voltage Regulator
More results

Similar Description - PL1084A-2.5F3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL1084-XXXF3 CYSTEKEC-PL1084-XXXF3 Datasheet
165Kb / 4P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_13 Datasheet
247Kb / 7P
   5A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_07 Datasheet
427Kb / 8P
   5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084-XXXJ3 CYSTEKEC-PL1084-XXXJ3 Datasheet
267Kb / 6P
   5A Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
TS1084CM ETC2-TS1084CM Datasheet
146Kb / 6P
   5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084-XXXE3 CYSTEKEC-PL1084-XXXE3 Datasheet
168Kb / 4P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_09 Datasheet
278Kb / 8P
   5A Low Dropout Positive Voltage Regulator
TS1084 TSC-TS1084 Datasheet
140Kb / 6P
   5A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1084U HSMC-H1084U Datasheet
57Kb / 5P
   5A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com