Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

450-5618 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 450-5618
Description  Instrument Control Knobs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

450-5618 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  450-5618 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
White Line
Spun Aluminum Inlay
White Line
Spun Aluminum Inlay
B
A
E
C
D
B
A
E
C
D
450-3618
450-4618
450-5618
Dimensions: mm (In.)
Instrument Control Knobs
450-3618, 450-4618, 450-5618
Available from Mouser Electronics
1-800-346-6873
www.mouser.com
EPD-200128
SPECIFICATIONS
ABS
Spin
±0.20 mm
Material:
Finish:
Tolerance:
Date Last Revised: 6-28-05
450-3618
450-4618
450-5618
Part No.
Black
Black
Black
White
White
White
Body
Line
T18 Shaft
T18 Shaft
T18 Shat
Shaft Hole
27.0 (1.06)
20.0 (0.79)
16.0 (0.63)
A
16.0 (0.63)
12.0 (0.47)
11.8 (0.46)
B
14.0 (0.55)
10.0 (0.39)
10.0 (0.39)
C
4.0 (0.16)
1.8 (0.07)
2.4 (0.09)
D
21.8 (0.86)
13.8 (0.54)
12.4 (0.49)
E
Specifications are subject to change without notice. No liability or warranty implied by this information. Environmental compliance based on producer documentation.


Similar Part No. - 450-5618

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
450-5600 RUBYCON-450-5600 Datasheet
257Kb / 2P
   SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 450-5618

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
450-2518 ETC2-450-2518 Datasheet
90Kb / 1P
   Instrument Control Knobs
450-4660 ETC2-450-4660 Datasheet
80Kb / 1P
   Instrument Control Knobs
450-1425 ETC2-450-1425 Datasheet
125Kb / 1P
   Instrument Control Knobs
450-AE181 ETC2-450-AE181 Datasheet
201Kb / 2P
   Instrument Control Knobs
450-MPN71 ETC2-450-MPN71 Datasheet
192Kb / 2P
   Instrument Control Knobs
5400E ETC2-5400E Datasheet
332Kb / 2P
   Instrument Knobs
450-2034-GRX ETC2-450-2034-GRX Datasheet
87Kb / 2P
   Control Knobs
450-3050 ETC2-450-3050 Datasheet
190Kb / 1P
   Slide Control Knobs
KB700B14AL ETC2-KB700B14AL Datasheet
325Kb / 6P
   CONTROL KNOBS, MACHINED ALUMINUM
450-1755 ETC2-450-1755 Datasheet
182Kb / 1P
   Instrument Control Knob
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com