Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4954 Datasheet(PDF) 5 Page - NEC

Part # 2SC4954
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4954 Datasheet(HTML) 5 Page - NEC

  2SC4954 Datasheet HTML 1Page - NEC 2SC4954 Datasheet HTML 2Page - NEC 2SC4954 Datasheet HTML 3Page - NEC 2SC4954 Datasheet HTML 4Page - NEC 2SC4954 Datasheet HTML 5Page - NEC 2SC4954 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
2SC4954
S-PARAMETER
(VCE = 3 V, IC = 5 mA, ZO = 50
Ω)
fS11
S21
S12
S22
(GHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.200
.775
–19.9
10.233
153.0
.029
78.0
.931
–14.1
0.400
.653
–32.4
8.408
133.2
.056
66.1
.815
–23.3
0.600
.527
–39.8
6.761
119.0
.073
70.0
.717
–27.3
0.800
.447
–45.7
5.598
108.5
.088
67.6
.639
–30.3
1.000
.359
–49.6
4.670
100.0
.111
66.9
.595
–31.2
1.200
.314
–50.3
4.118
92.7
.123
67.5
.565
–32.4
1.400
.279
–48.1
3.630
87.1
.140
66.8
.545
–34.4
1.600
.246
–46.9
3.246
82.1
.154
64.1
.519
–35.9
1.800
.219
–46.8
2.885
78.1
.178
62.0
.521
–37.0
2.000
.178
–43.6
2.747
73.7
.194
62.9
.500
–38.9
2.200
.165
–44.7
2.581
68.8
.201
62.0
.478
–43.1
2.400
.149
–37.6
2.382
64.8
.224
60.1
.455
–43.1
2.600
.137
–50.0
2.244
61.4
.241
60.9
.471
–43.9
2.800
.132
–47.6
2.138
59.0
.253
57.7
.449
–47.9
3.000
.103
–33.7
2.044
55.3
.265
55.3
.438
–47.0


Similar Part No. - 2SC4954

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4954 RENESAS-2SC4954 Datasheet
200Kb / 9P
   SILICON TRANSISTOR
2001
2SC4954-T1 RENESAS-2SC4954-T1 Datasheet
200Kb / 9P
   SILICON TRANSISTOR
2001
2SC4954-T2 RENESAS-2SC4954-T2 Datasheet
200Kb / 9P
   SILICON TRANSISTOR
2001
More results

Similar Description - 2SC4954

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4955 NEC-2SC4955 Datasheet
44Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC2351 NEC-2SC2351 Datasheet
30Kb / 4P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC4959 NEC-2SC4959 Datasheet
47Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4958 NEC-2SC4958 Datasheet
46Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4226 NEC-2SC4226 Datasheet
56Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4227 NEC-2SC4227 Datasheet
50Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4228 NEC-2SC4228 Datasheet
49Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4092 NEC-2SC4092 Datasheet
82Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4956 NEC-2SC4956 Datasheet
48Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4957 NEC-2SC4957 Datasheet
49Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com