Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRAUDAMP4 Datasheet(PDF) 11 Page - International Rectifier

Part # IRAUDAMP4
Description  120 W x 2 Channel Class D Audio Power Amplifier
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRAUDAMP4 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRAUDAMP4 Datasheet HTML 7Page - International Rectifier IRAUDAMP4 Datasheet HTML 8Page - International Rectifier IRAUDAMP4 Datasheet HTML 9Page - International Rectifier IRAUDAMP4 Datasheet HTML 10Page - International Rectifier IRAUDAMP4 Datasheet HTML 11Page - International Rectifier IRAUDAMP4 Datasheet HTML 12Page - International Rectifier IRAUDAMP4 Datasheet HTML 13Page - International Rectifier IRAUDAMP4 Datasheet HTML 14Page - International Rectifier IRAUDAMP4 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
www.irf.com
10
RD-0617
Figure 6. THD+N Ratio vs. Output Power for Different Switching Frequency Lock/Synchronization
Conditions
IRS20955 Gate Driver IC
The IRAUDAMP4 uses the IRS20955, which is a high-voltage (up to 200 V), high-speed
power MOSFET gate driver with internal deadtime and protection functions specifically
designed for Class D audio amplifier applications. These functions include OCP and
UVP. A bi-directional current protection feature that protects both the high-side and low-
side MOSFETs are internal to the IRS20955, and the trip levels for both MOSFETs can
be set independently. In this design, the deadtime can be selected for optimized
performance, by minimizing deadtime while limiting shoot-through. As a result, there is
no gate-timing adjustment on the board. Selectable deadtime through the DT pin voltage
is an easy and reliable function which requires only two external resistors, R11 and R9.
Figure 7. System-level View of Gate Driver IRS20955
100
0.001
0.01
0.1
1
10
%
100m
200
200m
500m
1
2
5
10
20
50
100
Power (W)
Self Osc. (ACD)
Int. Clock @ 300 kHz
Int. Clock @ 450 kHz
Self Osc. (Single Channel Driven)
R11
R9


Similar Part No. - IRAUDAMP4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP4A IRF-IRAUDAMP4A Datasheet
1Mb / 44P
   120 W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP4A IRF-IRAUDAMP4A_15 Datasheet
1Mb / 44P
   120 W x 2 Channel Class D Audio Power Amplifier
More results

Similar Description - IRAUDAMP4

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRAUDAMP4A IRF-IRAUDAMP4A_15 Datasheet
1Mb / 44P
   120 W x 2 Channel Class D Audio Power Amplifier
logo
NXP Semiconductors
TDA8924 PHILIPS-TDA8924 Datasheet
722Kb / 35P
   2 x 120 W class-D power amplifier
2003 Jul 28
TDA8926 PHILIPS-TDA8926 Datasheet
332Kb / 32P
   Power stage 2 x 50 W class-D audio amplifier
2002 Oct 10
TDA8927 PHILIPS-TDA8927 Datasheet
489Kb / 36P
   Power stage 2 x 80 W class-D audio amplifier
2001 Dec 11
logo
International Rectifier
IRAUDAMP10 IRF-IRAUDAMP10_15 Datasheet
614Kb / 34P
   300W x 2 Channel Class D Audio Power Amplifier
IRAUDAMP22 IRF-IRAUDAMP22_15 Datasheet
767Kb / 22P
   50W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP21 IRF-IRAUDAMP21_15 Datasheet
820Kb / 22P
   90W/2 x 2 Channel Class D Audio Power Amplifier
IRAUDAMP5 IRF-IRAUDAMP5_15 Datasheet
833Kb / 51P
   120W x 2 Channel Class D Audio Power Amplifier
logo
Texas Instruments
TPA005D12 TI-TPA005D12 Datasheet
119Kb / 8P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
[Old version datasheet]   2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com