Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA300CA Datasheet(PDF) 4 Page - Bruckewell Technology LTD

Part # P4SMA300CA
Description  BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

P4SMA300CA Datasheet(HTML) 4 Page - Bruckewell Technology LTD

  P4SMA300CA Datasheet HTML 1Page - Bruckewell Technology LTD P4SMA300CA Datasheet HTML 2Page - Bruckewell Technology LTD P4SMA300CA Datasheet HTML 3Page - Bruckewell Technology LTD P4SMA300CA Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RATING AND CHARACTERISTIC CURVES ( P4SMA SERIES )
FIG.1 - PULSE DERATING CURVE
FIG.2 - MAXIMUM NON-REPETITIVE
SURGE CURRENT
0
25
50
75
100
125
150
175
Ta, AMBIENT TEMPERATURE, (
°C)
NUMBER OF CYCLES AT 60Hz
FIG.3 - STEADY STATE POWER DERATING
FIG.4 - PULSE RATING CURVE
FIG.5 - PULSE WAVEFORM
0
1.0
2.0
3.0
4.0
80
60
40
20
120
1.00
100
10
40
0
60
0
30
20
10
0.25
0.75
0
0.1
0.50
1.0
tp, PULSE WIDTH
100
50
10
20
60
1
2
4
6
40
100
100
125
175
0
25
50
75
150
0.1
μs
1.0
μs10μs
100
μs
10ms
1.0ms
200
TL, LEAD TEMPERATURE (
°C)
8.3 ms SINGLE HALF SINE WAVE
JEDEC METHOD
50
100
0
Tr = 10
μs
Peak Value
IRMS
Half Value - IRMS
2
TJ=25
°C
Pulse Width (tp) is defined
as that point where the peak
current decays to 50%
of IRSM
tp
10X1000 Waveform
as defined by R.E.A.
T, TIME(ms)
Single Phase Half Wave
60 Hz Resistive or Inductive load


Similar Part No. - P4SMA300CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P4SMA300CA LITTELFUSE-P4SMA300CA Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
Anova Technologies CO.,...
P4SMA300CA ANOVA-P4SMA300CA Datasheet
342Kb / 3P
   Surface Mount Transient Voltage Suppressors
logo
MDE Semiconductor, Inc.
P4SMA300CA MDE-P4SMA300CA Datasheet
123Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
P4SMA300CA LUGUANG-P4SMA300CA Datasheet
2Mb / 3P
   Transient Voltage Suppressors
logo
Littelfuse
P4SMA300CA LITTELFUSE-P4SMA300CA Datasheet
142Kb / 5P
   Transient Voltage Suppression Diodes
More results

Similar Description - P4SMA300CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
QP6SMA27CA EIC-QP6SMA27CA Datasheet
313Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:January 29, 2016
logo
Solid States Devices, I...
T00003 SSDI-T00003 Datasheet
148Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP4SMA47CA EIC-QP4SMA47CA Datasheet
298Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00 : March 14, 2016
5KP5.0C EIC-5KP5.0C Datasheet
119Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
QP6KE33CA EIC-QP6KE33CA Datasheet
298Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:September 8, 2015
1.5KE6.8CL EIC-1.5KE6.8CL Datasheet
68Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Solid States Devices, I...
ST1.5KPS6.8 SSDI-ST1.5KPS6.8_1 Datasheet
128Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP6KE36CA EIC-QP6KE36CA Datasheet
297Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:September 8, 2015
logo
Will Semiconductor Ltd.
ESD56151D04 WILLSEMI-ESD56151D04 Datasheet
423Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressor
ESD5431Z WILLSEMI-ESD5431Z Datasheet
379Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com