Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ51C Datasheet(PDF) 1 Page - Bruckewell Technology LTD

Part # SMCJ51C
Description  SURFACE MOUNT BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SMCJ51C Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  SMCJ51C Datasheet HTML 1Page - Bruckewell Technology LTD SMCJ51C Datasheet HTML 2Page - Bruckewell Technology LTD SMCJ51C Datasheet HTML 3Page - Bruckewell Technology LTD SMCJ51C Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMCJ 5.0C ~ 188CA
SURFACE MOUNT
BI-DIRECTIONAL TRANSIENT
Stand-off Voltage : 5.0 to 188V
VOLTAGE SUPPRESSOR
Peak Pulse Power : 1500 W
FEATURES :
* 1500W peak pulse power capability with a 10/1000µs
waveform
* Excellent clamping capability
* Very fast response time
* Pb / RoHS Free
MECHANICAL DATA
* Case : SMC Molded plastic
* Epoxy : UL94V-0 rate flame retardant
* Lead : Lead Formed for Surface Mount
* Mounting position : Any
* Weight : 0.21 gram
DEVICES FOR UNIPOLAR APPLICATIONS
For uni-directional without "C"
Electrical characteristics apply in both directions
MAXIMUM RATINGS
Rating at 25
°C ambient temperature unless otherwise specified.
Rating
Symbol
Value
Unit
Peak Pulse Power Dissipation on 10/1000
µs waveform
(1) (2)
PPPM
1500
W
Peak Pulse Current on 10/1000
μs waveform (1)
IPPM
See Next Table
A
Typical thermal resistance , Junction to ambient
RѲJA
75
°C/W
Operating Junction and Storage Temperature Range
TJ, TSTG
- 55 to + 150
°C
Notes :
(1) Non-repetitive Current pulse, per Fig. 3 and derated above Ta = 25
°C per Fig. 1
(2) Mounted on 0.31x 0.31" (8.0 x 8.0mm) copper pads to each terminal.
Page 1 of 4
SMC (DO-214AB)
Dimensions in millimeters
3.0 ± 0.2
5.8 ± 0.15
0.20± 0.07
2.3 ± 0.2
1.1 ± 0.3
0.1 ± 0.1


Similar Part No. - SMCJ51C

ManufacturerPart #DatasheetDescription
logo
Bytes
SMCJ51C BYTES-SMCJ51C Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SMCJ51C LUGUANG-SMCJ51C Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
logo
Microsemi Corporation
SMCJ51C MICROSEMI-SMCJ51C Datasheet
584Kb / 4P
   SURFACE MOUNT 1500 Watt Transient Voltage Suppressor
logo
Shenzhen Luguang Electr...
SMCJ51C LUGUANG-SMCJ51C Datasheet
428Kb / 4P
   1500Watts Surface Mount Transient Voltage Suppressor
logo
Vishay Siliconix
SMCJ51C VISHAY-SMCJ51C Datasheet
43Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
26-Sep-02
More results

Similar Description - SMCJ51C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMCJ50C EIC-SMCJ50C Datasheet
53Kb / 4P
   SURFACE MOUNT BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
P6SMA480CA EIC-P6SMA480CA Datasheet
67Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CFTVS3V3B CENTRAL-CFTVS3V3B Datasheet
816Kb / 4P
   SURFACE MOUNT SILICON BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Bruckewell Technology L...
P4SMA6.8C BWTECH-P4SMA6.8C Datasheet
151Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP6SMA27CA EIC-QP6SMA27CA Datasheet
313Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:January 29, 2016
logo
Solid States Devices, I...
T00003 SSDI-T00003 Datasheet
148Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP4SMA47CA EIC-QP4SMA47CA Datasheet
298Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00 : March 14, 2016
5KP5.0C EIC-5KP5.0C Datasheet
119Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
QP6KE33CA EIC-QP6KE33CA Datasheet
298Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:September 8, 2015
1.5KE6.8CL EIC-1.5KE6.8CL Datasheet
68Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com