Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMBZ5221B Datasheet(PDF) 3 Page - Diodes Incorporated

Part No. MMBZ5221B
Description  350mW SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

MMBZ5221B Datasheet(HTML) 3 Page - Diodes Incorporated

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS18011 Rev. 7 - 2
3 of 3
MMBZ5221B - MMBZ5259B
www.diodes.com
0
0.1
0.2
0.3
0.4
25
0
50
75
100
125
150
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 1 Power Dissipation vs Ambient Temperature
10
100
1000
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Z
Fig. 2 Total Capacitance vs Nominal Zener Voltage
T= 25 °C
j
V = 1V
R
V = 2V
R
1
10
100
1
10
100
PULSE WIDTH (ms)
Fig. 4 Maximum Non-repetitive Surge Power
1000
1
10
100
1000
1
10
100
V , NOMINAL ZENER VOLTAGE (V)
Z
Fig. 3 Zener Voltage vs. Zener Impedence
I = 1.0mA
Z
0
10
20
30
0
V , ZENER VOLTAGE (V)
Z
Fig. 6 Zener Breakdown Characteristics
10
20
30
40
T= 25°C
j
Test current I
Z
10
12
18
22
27
33
36
15
39
Nominal Zener Voltage
0
10
20
30
40
50
01
2
3
4
5
6
7
89
10
V , ZENER VOLTAGE (V)
Z
Fig. 5 Zener Breakdown Characteristics
T = 25°C
j
5V6
6V8
8V2
Test Current I
Z
20mA


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZX84C2V4350mW SURFACE MOUNT ZENER DIODE 1 2 3 4 Won-Top Electronics
BZX84B5V1SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 1 2 Central Semiconductor Corp
BZX84C43350mW SURFACE MOUNT ZENER DIODE 1 2 3 Diodes Incorporated
CMPZDA2V4SURFACE MOUNT DUAL SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS 350mW 1 2 Central Semiconductor Corp
DDZX9698SURFACE MOUNT PRECISION ZENER DIODE 1 2 3 4 5 MoreDiodes Incorporated
ZS4728A1WATT SURFACE MOUNT ZENER DIODE 1 2 Formosa MS
1SMA4741Surface Mount Silicon Zener Diode 1 2 3 4 5 Taiwan Semiconductor Company, Ltd
1SMA4741SURFACE MOUNT SILICON ZENER DIODE 1 2 3 4 5 Transys Electronics
CZRC53Surface Mount Zener Diode 1 2 3 4 Comchip Technology
ZTS200-X1WATT SURFACE MOUNT ZENER DIODE 1 2 Formosa MS

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn