Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ6.0CA Datasheet(PDF) 4 Page - Bruckewell Technology LTD

Part # SMCJ6.0CA
Description  SURFACE MOUNT BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SMCJ6.0CA Datasheet(HTML) 4 Page - Bruckewell Technology LTD

  SMCJ6.0CA Datasheet HTML 1Page - Bruckewell Technology LTD SMCJ6.0CA Datasheet HTML 2Page - Bruckewell Technology LTD SMCJ6.0CA Datasheet HTML 3Page - Bruckewell Technology LTD SMCJ6.0CA Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
FIG.1 - PULSE DERATING CURVE
FIG.2 - TYPICAL JUNCTION CAPACITANCE
0
25
50
75
100
125
150
175
Ta, AMBIENT TEMPERATURE, (
°C)
FIG.3 - PULSE WAVEFORM
FIG.4 - PEAK PULSE POWER RATING CURVE
Page 4 of 4
RATING AND CHARACTERISTIC CURVES ( SMCJ5.0C - SMCJ188CA )
80
60
40
20
120
100
10
0
0.1
1.0
td, PULSE WIDTH, (sec)
100
0.1
μs1.0μs10μs
100
μs
10ms
1.0ms
t, TIME(ms)
50
100
0
tr = 10
μs
Peak Value
IPPM
Half Value - IPPM
2
td
0
1.0
2.0
3.0
4.0
Ta=25 °C
Pulse W idth (td) is defined
as that point where the peak
current decays to 50%
of IPPM
VWM, REVERSE STAND-OFF VOLTAGE, (V)
10/1000
μs. Waveform as
defined by R.E.A.
6,000
100
1,000
10
10
20
100
1
2
400
TJ = 25 °C
f = 1.0 MHz
Vsig = 50 mVP-P
Measured at
Stand-off Voltage
Voltage VWM


Similar Part No. - SMCJ6.0CA

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
SMCJ6.0CA SEMITECH-SMCJ6.0CA Datasheet
224Kb / 6P
   Excellent clamping capability
logo
Fairchild Semiconductor
SMCJ6.0CA FAIRCHILD-SMCJ6.0CA Datasheet
127Kb / 5P
   DEVICES FOR BIPOLAR APPLICATIONS
logo
SynSemi, Inc.
SMCJ6.0CA SYNSEMI-SMCJ6.0CA Datasheet
162Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
HY ELECTRONIC CORP.
SMCJ6.0CA HY-SMCJ6.0CA Datasheet
589Kb / 5P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SMCJ6.0CA SOCAY-SMCJ6.0CA Datasheet
623Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMCJ6.0CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMCJ50C EIC-SMCJ50C Datasheet
53Kb / 4P
   SURFACE MOUNT BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
P6SMA480CA EIC-P6SMA480CA Datasheet
67Kb / 3P
   SURFACE MOUNT BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CFTVS3V3B CENTRAL-CFTVS3V3B Datasheet
816Kb / 4P
   SURFACE MOUNT SILICON BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Bruckewell Technology L...
P4SMA6.8C BWTECH-P4SMA6.8C Datasheet
151Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP6SMA27CA EIC-QP6SMA27CA Datasheet
313Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:January 29, 2016
logo
Solid States Devices, I...
T00003 SSDI-T00003 Datasheet
148Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP4SMA47CA EIC-QP4SMA47CA Datasheet
298Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00 : March 14, 2016
5KP5.0C EIC-5KP5.0C Datasheet
119Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
QP6KE33CA EIC-QP6KE33CA Datasheet
298Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:September 8, 2015
1.5KE6.8CL EIC-1.5KE6.8CL Datasheet
68Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com