Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMSZ5256BS Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part No. MMSZ5256BS
Description  Surface mount zener diode
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Homepage  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MMSZ5256BS Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MMSZ5256BS Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MMSZ5256BS Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd MMSZ5256BS Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface mount zener diode
MMSZ5221BS-MMSZ5262BS
FEATURES
Planar die construction
Pb
Lead-free
General purpose, medium current
Ideally suited for automated assembly processes
APPLICATIONS
Zener diode
Ultra-small surface mount package
MAXIMUM RATING @ Ta=25
℃ unless otherwise specified
Characteristic
Symbol
Value
Unit
Forward Voltage
@ IF=10mA
VF
0.9
V
Power Dissipation
Pd
200
mW
Thermal resistance,junction to ambient air
RθjA
625
℃/W
Junction temperature
Tj
150
Storage temperature range
Tstg
-65 to+150
Notes: 1. Valid provided that device terminals are kept at ambient temperature.
2. Tested with pulses, t ≤1.0ms.
http://www.luguang.cn
Email:lge@luguang.cn
SOD-323
Dimensions in inches and (millimeters)


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn