Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMSZ5254B Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part No. MMSZ5254B
Description  Surface mount zener diode
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Homepage  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MMSZ5254B Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MMSZ5254B Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MMSZ5254B Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd MMSZ5254B Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd MMSZ5254B Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Surface mount zener diode
MMSZ5221B-MMSZ5262B
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Zener Voltage Range
Test
Current
Maximum Zener
Impedance
Maximum Reverse
Leakage Current
Vz@IZT
IZT
ZZT@IZT
ZZK@IZK=0.25mA
IR
@VR
Type
Number
Type
Code
Nom(V)
Min(V)
Max(V)
mA
μA
V
MMSZ5221B
2.4
2.28
2.52
20
30
1200
100
1.0
MMSZ5223B
2.7
2.57
2.84
20
30
1300
75
1.0
MMSZ5225B
3.0
2.85
3.15
20
30
1600
50
1.0
MMSZ5226B
3.3
3.14
3.47
20
28
1600
25
1.0
MMSZ5227B
3.6
3.42
3.78
20
24
1700
15
1.0
MMSZ5228B
3.9
3.71
4.10
20
23
1900
10
1.0
MMSZ5229B
4.3
4.09
4.52
20
22
2000
5.0
1.0
MMSZ5230B
4.7
4.47
4.94
20
19
1900
5.0
2.0
MMSZ5231B
5.1
4.85
5.36
20
17
1600
5.0
2.0
MMSZ5232B
5.6
5.32
5.88
20
11
1600
5.0
3.0
MMSZ5233B
6.0
5.70
6.30
20
7
1600
5.0
3.5
MMSZ5234B
6.2
5.89
6.51
20
7
1000
5.0
4.0
MMSZ5235B
6.8
6.46
7.14
20
5
750
3.0
5.0
MMSZ5236B
7.5
7.13
7.88
20
6
500
3.0
6.0
MMSZ5237B
8.2
7.79
8.61
20
8
500
3.0
6.5
MMSZ5238B
8.7
8.27
9.14
20
8
600
3.0
6.5
MMSZ5239B
9.1
8.65
9.56
20
10
600
3.0
7.0
MMSZ5240B
10
9.50
10.50
20
17
600
3.0
8.0
MMSZ5241B
11
10.45
11.55
20
22
600
2.0
8.4
MMSZ5242B
12
11.40
12.60
20
30
600
1.0
9.1
MMSZ5243B
13
12.35
13.65
9.5
13
600
0.5
9.9
MMSZ5245B
15
14.25
15.75
8.5
16
600
0.1
11
MMSZ5246B
16
15.20
16.80
7.8
17
600
0.1
12
MMSZ5248B
18
17.10
18.90
7.0
21
600
0.1
14
MMSZ5250B
20
19.00
21.00
6.2
25
600
0.1
15
MMSZ5251B
22
20.90
23.10
5.6
29
600
0.1
17
MMSZ5252B
24
22.80
25.20
5.2
33
600
0.1
18
MMSZ5254B
27
25.65
28.35
5.0
41
600
0.1
21
MMSZ5255B
28
26.60
29.40
4.5
44
600
0.1
21
MMSZ5256B
30
28.50
31.5
4.2
49
600
0.1
23
MMSZ5257B
33
31.35
34.65
3.8
58
700
0.1
25
MMSZ5258B
36
34.20
37.80
3.4
70
700
0.1
27
MMSZ5259B
39
37.05
40.95
3.2
80
800
0.1
30
MMSZ5260B
43
40.85
45.15
3.0
93
900
0.1
33
MMSZ5261B
47
44.65
49.35
2.7
105
1000
0.1
36
  http://www.luguang.cn          mail:lge@luguang.cn


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn