Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AXR30341 Datasheet(PDF) 15 Page - Panasonic Semiconductor

Part No. AXR30341
Description  FOR CELLULAR PHONE ULTRA LOW PROFILE TYPE FOR PORTABLE EQUIPMENT (0.5mm PITCH)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AXR30341 Datasheet(HTML) 15 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AXR(3/5)
APPLICATIONS
Products can be made to match your applications, so please contact us if necessary.
A type products (18, 22 and 26 contacts)
B type products (50 contacts)
• Plug (Board mounting type)
AXR30645
28.0
±0.2
35.85
32.9
29.9
31.35
16.0
24.0
0.5
±0.1
25.3
0.2
±0.05
24.5
36.0
39.0
Terminal No.50
Terminal No.1
A
A
3.3
±0.2
1.2
±0.1
Shell SMD portion
coplanarity
0.15
A-A cross section
Signal terminal
coplanarity
0.15
Recommended PC board pattern
(TOP VIEW)
Notes)
1. The values in parenthesis are reference dimensions.
2. To reinforce the shell portion of the receptacle, have the
shell guided by the casing in some way. The gap between
the device casing and receptacle should be constructed
to be very small, for example, under 0.1 mm.
3. The dimensions of the cross-manufacturer mating error
prevention key, if requested, can be set for each user.
Both side of
PC board
Through hole
mm General tolerance:
±0.3
panasonic-electric-works.net/ac
Order Discontinued as of September 30, 2009


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn