Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AXR30341 Datasheet(PDF) 14 Page - Panasonic Semiconductor

Part No. AXR30341
Description  FOR CELLULAR PHONE ULTRA LOW PROFILE TYPE FOR PORTABLE EQUIPMENT (0.5mm PITCH)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AXR30341 Datasheet(HTML) 14 Page - Panasonic Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AXR(3/5)
5. Signal terminals 50 contacts/On board mounting type
• Receptacle (A type)
AXR51508P
Terminal No.1
33.5
27.4
27.4
23.4
23.4
28.85
30.3
24.5
Lot display
0.15
30.0
±0.2
2.1
±0.15
3.65
0.3
±0.1
0.2
±0.05
A
1.0
1.0
1.0
1.0
A
Terminal No.50
Retention fitting
0.5
±0.15 (Terminal portion)
A-A cross section
Signal terminal
coplanarity
0.15
Recommended PC board pattern
(TOP VIEW)
Notes)
1. The values in parenthesis are reference dimensions.
2. To reinforce the shell portion of the receptacle, have the
shell guided by the casing in some way. The gap between
the device casing and receptacle should be constructed
to be very small, for example, under 0.1 mm.
3. The dimensions of the cross-manufacturer mating error
prevention key, if requested, can be set for each user.
Pattern forbidden area
PC board both sides
hole structure
PC board edge
(MIN. 32.6)
(0.27)
(0.27)
(R)
(MAX. 25.3)
30.3
±0.05
24.5
±0.05
2.15
±0.05
0.5
±0.05
0.25
±0.05
2-0.55
(hole)
+0.1
–0.05
mm General tolerance:
±0.3
CAD Data
• Plug (cable connection type) (A type)
(assembled condition)
AXR5256S
AXR5257S
Terminal
No.1
Note 2)
Terminal
No.50
Incorrect mating
prevention key
29.9
34.3
37.7
10.7
(23.7)
8.0
2.7
(1.0)
35.8
31.5
Notes)
1. The values in parenthesis are reference dimensions.
2. The dimensions of the cross-manufacturer mating error
prevention key, if requested, can be set for each user.
mm General tolerance:
±0.3
CAD Data
panasonic-electric-works.net/ac
Order Discontinued as of September 30, 2009


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn