Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXR30341 Datasheet(PDF) 12 Page - Panasonic Semiconductor

Part # AXR30341
Description  FOR CELLULAR PHONE ULTRA LOW PROFILE TYPE FOR PORTABLE EQUIPMENT (0.5mm PITCH)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXR30341 Datasheet(HTML) 12 Page - Panasonic Semiconductor

Back Button AXR30341 Datasheet HTML 8Page - Panasonic Semiconductor AXR30341 Datasheet HTML 9Page - Panasonic Semiconductor AXR30341 Datasheet HTML 10Page - Panasonic Semiconductor AXR30341 Datasheet HTML 11Page - Panasonic Semiconductor AXR30341 Datasheet HTML 12Page - Panasonic Semiconductor AXR30341 Datasheet HTML 13Page - Panasonic Semiconductor AXR30341 Datasheet HTML 14Page - Panasonic Semiconductor AXR30341 Datasheet HTML 15Page - Panasonic Semiconductor AXR30341 Datasheet HTML 16Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AXR(3/5)
4. Signal terminals 26 contacts/On board mounting type
• Receptacle (A type)
AXR51268P
0.5
±0.1
0.2
±0.05
12.5
±0.15
17.3
±0.2
17.0
±0.2
4.4
±0.2
17.8
14.5
1.0
1.0
10.5
1.0
10.5
1.0
17.8
±0.2
1.5
±0.1
14.5
A
A
A-A cross section
Signal terminal
coplanarity
0.10
Recommended PC board pattern
(TOP VIEW)
Please make pattern
both side of PC board
Through hole
1.9
±0.1
0.5
±0.05
5.0
1.0
9.0
13.0
0.25
±0.05
12.5
±0.05
17.0
±0.05
Note) Since product bottom is a metal shell, do not
make pattern circuits (to prevent shorting).
mm General tolerance:
±0.3
CAD Data
• Plug (cable connection type) (B type)
(assembled condition)
AXR30541
0.50
±0.1
12.5
±0.15
25.7
16.7
±0.2
22.5
17.0
21.0
23.7
3.0
7.8
11.7
Note) This product is not compatible with mismatch
prevention keys.
mm General tolerance:
±0.3
CAD Data
panasonic-electric-works.net/ac
Order Discontinued as of September 30, 2009


Similar Part No. - AXR30341

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXRB1003H AXTAL-AXRB1003H Datasheet
212Kb / 4P
   Very High Stability Rubidium Oscillator
AXRB1021 AXTAL-AXRB1021 Datasheet
286Kb / 4P
   High Stability Rubidium Oscillator
AXRB1031 AXTAL-AXRB1031 Datasheet
180Kb / 3P
   Miniature Rubidium Oscillator in 50 x 50 mm Package
AXRB9000 AXTAL-AXRB9000 Datasheet
515Kb / 5P
   Low Noise Selective Distribution Amplifier in 19??rack (1 HU)
AXRB9000 AXTAL-AXRB9000 Datasheet
414Kb / 5P
   Very High Frequency Stability
More results

Similar Description - AXR30341

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
DE3512C TOKO-DE3512C Datasheet
81Kb / 2P
   Fixed Inductors for Cellular Phone
logo
Rohm
BU8899GU ROHM-BU8899GU Datasheet
388Kb / 6P
   Sound Generator for cellular phone
logo
TOKO, Inc
D310F TOKO-D310F Datasheet
102Kb / 1P
   Fixed Inductors for Cellular Phone
DJ515C TOKO-DJ515C Datasheet
99Kb / 1P
   Fixed Inductors for Cellular Phone
D412F TOKO-D412F Datasheet
101Kb / 1P
   Fixed Inductors for Cellular Phone
D3313FB TOKO-D3313FB Datasheet
98Kb / 1P
   Fixed Inductors for Cellular Phone
logo
RICOH electronics devic...
R5310L RICOH-R5310L Datasheet
270Kb / 34P
   Multi LDOs for Cellular-phone
logo
TOKO, Inc
D312C TOKO-D312C Datasheet
99Kb / 1P
   Fixed Inductors for Cellular Phone
logo
Rohm
BU7831KN ROHM-BU7831KN Datasheet
310Kb / 6P
   Audio Management for cellular phone
BU7861KN ROHM-BU7861KN Datasheet
401Kb / 6P
   Audio LSI for Cellular Phone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com