Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AXR30341 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part No. AXR30341
Description  FOR CELLULAR PHONE ULTRA LOW PROFILE TYPE FOR PORTABLE EQUIPMENT (0.5mm PITCH)
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

AXR30341 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AXR(3/5)
• Plug (Board mounting type) (A type)
AXR3034A
0.7±0.1
dia.
14.0
±0.2
(14.6
±0.2)
16.0
±0.2
17.85
±0.2
14.6
±0.2
A
A
0.2
±0.05
0.5
±0.1
4.4
B
B
20.8
18.0
10.5
±0.15
1.2
±0.1
10.5
0.15
Shell SMD portion
coplanarity
A-A cross section
B-B cross section
0.10
Signal terminal coplanarity
(4.4)
Recommended PC board pattern
(TOP VIEW)
0.50
±0.05
14.0
±0.05
0.25
±0.05
10.5
±0.05
17.85
±0.05
22.8
±0.1
1.6
±0.1
R0.8
0.9±
0.05
dia. (hole)
17.6
±0.1
0.4
±0.1
Both side of PC board
Through hole
mm General tolerance:
±0.3
CAD Data
3. Signal terminals 24 contacts/On board mounting type
• Receptacle (A type)
AXR51248P
0.5
±0.1
0.2
±0.05
16.0
±0.2
11.5
±0.15
16.3
±0.2
1.5
±0.1
4.4
±0.2
16.7
Note 1) 4.8
Note 1) 4.8
(#) The dimensions for the improper connection prevention key are set
by the customer.
A
A
A-A cross section
Signal terminal
coplanarity
0.10
Recommended PC board pattern
(TOP VIEW)
Through hole
0.5
±0.05
1.0
11.5
±0.05
0.25
±0.05
0.50
±0.05
5.0
9.0
13.0
16.0
±0.05
1.9
Please make pattern
both side of PC board
Notes) 1. The position of the cross-manufacturer mating error
prevention key, if requested, can be set for each user
when the detailed specifications are being decided.
2. Since product bottom is a metal shell, do not make
pattern circuits (to prevent shorting).
mm General tolerance:
±0.3
CAD Data
panasonic-electric-works.net/ac
Order Discontinued as of September 30, 2009


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn