Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS056M Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # AS056M
Description  HOL-SEALERS Hole Seals
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS056M Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  AS056M Datasheet HTML 1Page - List of Unclassifed Manufacturers AS056M Datasheet HTML 2Page - List of Unclassifed Manufacturers AS056M Datasheet HTML 3Page - List of Unclassifed Manufacturers AS056M Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Subject to change without notice
PH (763) 422-2211 • FX (763) 422-2600 • hoffmanonline.com
© 2010 Pentair Technical Products
Accessories: Hole Seals
Hole Seals
Spec-00182 C
HOL-SEALERS
® Non-Metallic Hole Seals
Industry Standards
UL 508A Component Recognized; Type 3R, 4, 4X, 12, 13; File No.
E61997
CSA File No. 42186: Type 3R, 4, 4X, 12, 13
NEMA/EEMAC Type 3R, 4, 4X, 12, 13
IEC 60529, IP66
Application
Designed for use in corrosive environments to seal extra pushbutton
holes, conduit openings and knockout openings against dust, dirt,
oil and water. These hole seals are suitable for sealing enclosure
openings in industries such as petroleum and chemical processing,
wastewater processing, pulp and paper, outdoor monitoring and any
other industry exposed to harsh environments.
Innovative 3-in-1 self-centering design
• Thread self-centers on one hole size
• Nut orientation “A” self-centers on a second hole size (see Nut
Orientation drawing)
• Nut orientation “B” self-centers on a third hole size
Features
• Innovative 3-in-1 self-centering design reduces inventory
requirements; 4 models cover 12 common industry cutouts
ranging from 1/2 in. to 4 in.
• Non-metallic construction provides superior corrosion resistance
for reliability in harsh environments
• UV stabilized; ideal for direct sunlight (avoids fiberbloom
associated with fiberglass)
• Chemically resistant to a broad range of chemicals
• Durable and impact resistant; resists cracking
• Sold in quantities of 2 per catalog number
• Cost-effective alternative to stainless steel
• Polyester material has a UL 94 rating of 5VA
• Easy to install; no tools required
Specifications
• Thread and nut are constructed of non-glass-filled polyester
• Oil-resistant gasket
Finish
RAL 7035 light-gray textured finish
Bulletin: A80HS
Standard Product  Non-Metallic Hole Seals
Catalog Number
AxBxC in./mm
Qty.
D
in./mm
E
in./mm
F
in./mm
Max. Hole
Diameter
in./mm
Outside
Diameter
in./mm
Torque (in. lbs.)
ASPB05075NM
1.56 x 0.85 x 0.12
40 x 22 x 3
2
1.28
32
1.48
38
.47
12
1.28
33
1.56
40
15
ASPB100125NM
2.19 x 1.19 x 0.12
56 x 30 x 3
2
1.18
30
2.14
54
.51
13
1.91
49
2.19
56
20
AS150200250NM
3.50 x 1.95 x 0.12
89 x 49 x 3
2
.95
24
3.42
87
.51
13
3.14
80
3.50
89
35
AS300350400NM
5.12 x 3.55 x 0.12
130 x 90 x 3
2
.81
21
5.05
128
.51
13
4.77
121
5.12
130
50


Similar Part No. - AS056M

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AS05004PR-2-R PUI-AS05004PR-2-R Datasheet
275Kb / 1P
   Speaker
logo
PUI audio inc.
AS05004PR-2-R PUIAUDIO-AS05004PR-2-R Datasheet
240Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
logo
Projects Unlimited, Inc...
AS05004PR-2-WR-R PUI-AS05004PR-2-WR-R Datasheet
283Kb / 1P
   Speaker
logo
PUI audio inc.
AS05004PR-2-WR-R PUIAUDIO-AS05004PR-2-WR-R Datasheet
267Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
logo
Projects Unlimited, Inc...
AS05004PS-R PUI-AS05004PS-R Datasheet
367Kb / 1P
   Speaker
More results

Similar Description - AS056M

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
90-287 MACOM-90-287 Datasheet
29Kb / 1P
   10amp, one hol mtg
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
   CABLE ENTRY SEALS STANDARD
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
   CAMLE ENTRY SEALS STANDARD
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
   Pushbutton Switches, Splashproof Boot Seals
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
   CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
   Vent valve, stainless steel, with Viton seals
logo
Molex Electronics Ltd.
0643251366 MOLEX1-0643251366_18 Datasheet
44Kb / 1P
   Single Wire Seals for CP 2.80 Terminals, Blue
0643251332 MOLEX-0643251332 Datasheet
53Kb / 2P
   Single Wire Seals for CP 2.80 Terminals, Red
08/25/2022
0643251358 MOLEX1-0643251358_18 Datasheet
42Kb / 1P
   Single Wire Seals for CP 2.80 Terminals, Gray
logo
HARTING Technology Grou...
19-44-310-0306 HARTING-19-44-310-0306 Datasheet
484Kb / 2P
   Han-INOX 10B-HBM-SL FKM seals
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com