Electronic Components Datasheet Search |
|
2SC1212A Datasheet(PDF) 2 Page - Savantic, Inc. |
|
2SC1212A Datasheet(HTML) 2 Page - Savantic, Inc. |
2 / 4 page SavantIC Semiconductor Product Specification 2 Silicon NPN Power Transistors 2SC1212 2SC1212A CHARACTERISTICS Tj=25? unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN TYP. MAX UNIT 2SC1212 50 V(BR)CEO Collector-emitter breakdown voltage 2SC1212A IC=10mA ;RBE=8 80 V 2SC1212 50 V(BR)CBO Collector-base breakdown voltage 2SC1212A IC=1mA ;IE=0 80 V V(BR)EBO Emitter-base breakdown voltage IE=1mA ;IC=0 4 V VCEsat Collector-emitter saturation voltage IC=1A ;IB=0.1A 1.5 V VBE Base-emitter voltage IC=50mA ; VCE=4V 1.0 V ICBO Collector cut-off current VCB=50V; IE=0 5 µA hFE-1 DC current gain IC=50mA ; VCE=4V 60 200 hFE-2 DC current gain IC=1A ; VCE=4V 20 fT Transition frequency IC=30mA ; VCE=4V 160 MHz u hFE-1 Classifications B C 60-120 100-200 |
Similar Part No. - 2SC1212A |
|
Similar Description - 2SC1212A |