Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF64A Datasheet(PDF) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Part # SMF64A
Description  Glass Passivated TVS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Direct Link  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

SMF64A Datasheet(HTML) 1 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  SMF64A Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. SMF64A Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd. SMF64A Datasheet HTML 3Page - Guangdong Juxing Electronics Technology Co., Ltd. SMF64A Datasheet HTML 4Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TVS: SMF5.0 thru SMF170A
Glass Passivated TVS
Features
For surface mounted applications in
order to optimize board space
Low profile space
Glass passivated chip
Low inductance
Excellent clamping capability
Very fast response time
Typical ID less than 1µA at VWM
200 W peak pulse power capability
with a 10/1000 µs waveform
Component in accordance to
RoHS 2002/95/1 and WEEE 2002/96/EC
Mechanical Date
Case: JEDEC SOD-123FL molded plastic
over passivated chip
Terminals: Solder plated, solderable per
MIL-STD-750 Method 2026
Polarity: For uni-directional types the band
by laser denotes the cathode, which is
positive with respect to the anode under
normal TVS operation
Maximum Ratings & Thermal Characteristics & Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Symbol
PPPM
IPPM
VF
IFSM
TJ TSTG
Notes:
1.Non-repetitive current pulse and derated above TA=25℃
2.Mounted on 5.0mm
2 copper pads to each terminal.
VALUE
UNIT
Peak pulse power dissipation
with a 10/1000µs waveform (Note1,2)
200
W
Peak forward surge current 8.3ms single half sine-wave
20
A
Peak pulse current 10/1000μS waveform(Note 1)
See Next Table
A
Forward voltage @IF=200mA
1.25
V
Operating junction and storage temperature range
–55 to +150
°C
http://www.trr-jx.com


Similar Part No. - SMF64A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMF64A ONSEMI-SMF64A Datasheet
69Kb / 6P
   Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
August, 2005 ??Rev. 1
logo
Shenzhen Luguang Electr...
SMF64A LUGUANG-SMF64A Datasheet
1Mb / 3P
   Transient Voltage Suppressors
SMF64A LUGUANG-SMF64A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Shanghai Leiditech Elec...
SMF64A LEIDITECH-SMF64A Datasheet
1Mb / 5P
   200W Transient Voltage Suppressor
01.06.2018
logo
Diotec Semiconductor
SMF64A DIOTEC-SMF64A Datasheet
178Kb / 3P
   SMD Transient Voltage Suppressor Diodes
More results

Similar Description - SMF64A

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
1.5SMC6.8A JUXING-1.5SMC6.8A Datasheet
807Kb / 4P
   Glass Passivated TVS
logo
Shenzhen Luguang Electr...
30KPA28A LUGUANG-30KPA28A Datasheet
114Kb / 2P
   Glass Passivated Junction TVS
15KPA17A LUGUANG-15KPA17A Datasheet
114Kb / 2P
   Glass Passivated Junction TVS
20KPA20A LUGUANG-20KPA20A Datasheet
116Kb / 2P
   Glass Passivated Junction TVS
logo
HY ELECTRONIC CORP.
GBU10005 HY-GBU10005 Datasheet
91Kb / 2P
   GLASS PASSIVATED GLASS PASSIVATED
KBP2005G HY-KBP2005G_17 Datasheet
143Kb / 3P
   GLASS PASSIVATED GLASS PASSIVATED
logo
Shenzhen Taychipst Elec...
EGP15A TAYCHIPST-EGP15A Datasheet
2Mb / 2P
   INTERED GLASS PASSIVATED INTERED GLASS PASSIVATED
logo
SynSemi, Inc.
GN3A SYNSEMI-GN3A Datasheet
40Kb / 2P
   GLASS PASSIVATED JUNCTION GLASS PASSIVATED JUNCTION
logo
EIC discrete Semiconduc...
GBU8A EIC-GBU8A Datasheet
168Kb / 2P
   Glass Passivated
GBU8005 EIC-GBU8005 Datasheet
64Kb / 2P
   Glass Passivated
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com