Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

495-196-640-121 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 495-196-640-121
Description  High density 96 Contacts 3 Row Metal?릘o?륪etal Connector on 2.54mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

495-196-640-121 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  495-196-640-121 Datasheet HTML 1Page - List of Unclassifed Manufacturers 495-196-640-121 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STYLE
NUMBER OF CONTACTS
GOLD PLATING THICKNESS
CONTACT CODE
CONTACT ROW ARRANGEMENT
CONTACT SPACING ARRANGEMENT
MOUNTING OPTIONS
STYLE
GOLD PLATING THICKNESS
1‐ STANDARD STYLE (STRAIGHT)
2‐ GOLD FLASH
3‐ 15 MICROINCHES OF GOLD
6‐ 30 MICROINCHES OF GOLD
CONTACT CODE
21‐ PCB TAIL .157 (4.0) LG.
22‐ PCB TAIL .098 (2.5) LG.
40‐ W.W. TAIL .512 (13.0) LG.
41‐ W.W. TAIL .669 (17.0) LG.
70‐ PRESS‐FIT TAIL .182 (4.6) LG.
73‐ PRESS‐FIT TAIL .248 (6.3) LG.
80‐ PRESS‐FIT, W.W.TAIL .512 (13.0) LG.
81‐ PRESS‐FIT, W.W.TAIL .669 (17.0) LG.
CONTACT ROW ARRANGEMENT
1‐ CONTACTS ON ROW "A"
3‐ CONTACTS ON ROW "A," "B" AND "C"
2‐ EVEN NUMBER
LOADED
5.08MM
2‐ EVEN NUMBER
2‐ EVEN NUMBER
LOADED
227 Idema Road, Markham,
Ontario Canada, L3R 1B1
Tel: +1 416 754‐3322
Fax: +1 416 754‐3299
Email: info@edac.net 
http://www.edac.net
32
a ‐ ‐
16
a ‐ ‐
48
a b c
64
a ‐ c
2.54MM
16
a ‐ ‐
1‐ ROWS
FULLY LOADED
1‐ ROWS
FULLY LOADED
16
a ‐ c
32
a ‐ c
48
a b c
24
a b c
32
a ‐ c
PITCH
NUMBER OF CONTACTS
CONTACT ROW 
ARRANGEMENT
CONTACT SPACING ARRANGEMENT
96
a b c
1‐ ROWS
FULLY LOADED
SERIES  496‐196‐221 ‐311
6‐ CONTACTS ON ROW "A" AND "C"
CONTACT SPACING ARRANGEMENT
1‐ ROWS FULLY LOADED
2‐ EVEN NUMBER LOADED
MOUNTING OPTIONS
1‐ ø.110" (ø2.80mm) , THROUGH HOLE
3‐ ø.110" (ø2.80mm) HOLE WITH 
    TWO‐PRONG BOARD LOCK
LOADED
8
a ‐ ‐
Features:
∙ High density 96 Contacts 3 Row Metal‐to‐Metal Connector on 2.54mm 
(.100”) Grid
∙ Contacts: Straight 
∙ Contact Material: Phosphor Bronze with selective gold plating and tin on tails:                                                                                      
2‐Gold Flash Plating
3‐ 15u" of Gold Plating
6‐ 30u" of Gold Plating
∙ Contact Tails: 0.7 x 0.3mm (.028” x .012”) Rectangular                
∙ Contact Spacing: 2.54 x 2.54mm (.100” x .100”) single, double or triple rows; 
or 2.54 x  5.08mm (.100” x .200”) single, double or triple rows.
∙ Available in:  8, 16, 24, 32, 48, 64, and 96 positions
∙ Connectors designed to meet DIN 41612‐C (Female) specifications
Specifications:
∙ Current Rating: 2 Amperes @ 20°C
∙ Contact Material: Phosphor Bronze
∙ Contact Plating: Selective Gold Plating
∙ Contact Resistance: 30 milliohms, maximum
∙ Insulator Material: 30% Glass Filled PBT, UL 94V‐0
∙ Insulation Resistance: Mated ‐ 1000 Mega (10⁶) ohms
∙ Dielectric Withstanding Voltage: 1000 V.A.C RMS
∙ Basic Grid: 2.54mm (.100”)
∙ Operating Temperature: ‐55°C to +105°C
P.C. BOARD PATTERN
Dimension E at 2.54 Pitch:
1 Row: E = No. of Positions‐1 X 2.54
2 Rows: E = (No. of Positions/2)‐1 X 2.54
3 Rows: E = (No. of Positions/3)‐1 X 2.54


Similar Part No. - 495-196-640-121

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
495-008-260-122 EDAC-495-008-260-122 Datasheet
281Kb / 2P
   495 Series Edge Connector | DIN 41612
495-008-260-122 EDAC-495-008-260-122 Datasheet
146Kb / 1P
   495 Series,Edge Connector | DIN 41612
495-008-360-122 EDAC-495-008-360-122 Datasheet
281Kb / 2P
   495 Series Edge Connector | DIN 41612
495-008-660-122 EDAC-495-008-660-122 Datasheet
281Kb / 2P
   495 Series Edge Connector | DIN 41612
495-008-660-122 EDAC-495-008-660-122 Datasheet
146Kb / 1P
   495 Series,Edge Connector | DIN 41612
More results

Similar Description - 495-196-640-121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
495-096-260-312 ETC2-495-096-260-312 Datasheet
145Kb / 2P
   High density 96 Contact 3 Row Metal?릘o?륪etal Connector on 2.54mm
494-096-260-312 ETC2-494-096-260-312 Datasheet
158Kb / 2P
   High density 96 Contact 3 Row Metal?릘o?륪etal Connector on 2.54mm
logo
Adlink Technology Inc.
PXI-2208 ADLINK-PXI-2208 Datasheet
241Kb / 1P
   96-CH 12-Bit 3 MS/s Ultra High-Density Analog Input Cards
logo
Hirose Electric
A1-6PA-2.54DS HIROSE-A1-6PA-2.54DS_17 Datasheet
219Kb / 8P
   2.54mm Pitch High Density Connector
A1-06PA-2.54DS HIROSE-A1-06PA-2.54DS Datasheet
274Kb / 8P
   2.54mm Pitch High Density Connector
A1 HIROSE-A1_18 Datasheet
216Kb / 8P
   2.54mm Pitch High Density Connector
logo
List of Unclassifed Man...
PXI-2208 ETC2-PXI-2208 Datasheet
369Kb / 2P
   96-CH 12-Bit 3 MS/s Ultra High-Density Analog Input Cards
780-MYY-113RYY1 ETC2-780-MYY-113RYY1 Datasheet
329Kb / 4P
   MALE-HIGH DENSITY-MACHINED CONTACTS-VERTICAL
781-MYY-113RYY1 ETC2-781-MYY-113RYY1 Datasheet
324Kb / 4P
   MALE-HIGH DENSITY-MACHINED CONTACTS-RIGHT ANGLE
logo
Dubilier
TYPECSERIES DUBILIER-TYPECSERIES Datasheet
779Kb / 2P
   32, 48, 64 and 96 Contacts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com