Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

495-196-340-121 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 495-196-340-121
Description  High density 96 Contacts 3 Row Metal?릘o?륪etal Connector on 2.54mm
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

495-196-340-121 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  495-196-340-121 Datasheet HTML 1Page - List of Unclassifed Manufacturers 495-196-340-121 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
EDAC:
496-096-220-312


Similar Part No. - 495-196-340-121

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
495-008-260-122 EDAC-495-008-260-122 Datasheet
281Kb / 2P
   495 Series Edge Connector | DIN 41612
495-008-260-122 EDAC-495-008-260-122 Datasheet
146Kb / 1P
   495 Series,Edge Connector | DIN 41612
495-008-360-122 EDAC-495-008-360-122 Datasheet
281Kb / 2P
   495 Series Edge Connector | DIN 41612
495-008-660-122 EDAC-495-008-660-122 Datasheet
281Kb / 2P
   495 Series Edge Connector | DIN 41612
495-008-660-122 EDAC-495-008-660-122 Datasheet
146Kb / 1P
   495 Series,Edge Connector | DIN 41612
More results

Similar Description - 495-196-340-121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
495-096-260-312 ETC2-495-096-260-312 Datasheet
145Kb / 2P
   High density 96 Contact 3 Row Metal?릘o?륪etal Connector on 2.54mm
494-096-260-312 ETC2-494-096-260-312 Datasheet
158Kb / 2P
   High density 96 Contact 3 Row Metal?릘o?륪etal Connector on 2.54mm
logo
Adlink Technology Inc.
PXI-2208 ADLINK-PXI-2208 Datasheet
241Kb / 1P
   96-CH 12-Bit 3 MS/s Ultra High-Density Analog Input Cards
logo
Hirose Electric
A1-6PA-2.54DS HIROSE-A1-6PA-2.54DS_17 Datasheet
219Kb / 8P
   2.54mm Pitch High Density Connector
A1-06PA-2.54DS HIROSE-A1-06PA-2.54DS Datasheet
274Kb / 8P
   2.54mm Pitch High Density Connector
A1 HIROSE-A1_18 Datasheet
216Kb / 8P
   2.54mm Pitch High Density Connector
logo
List of Unclassifed Man...
PXI-2208 ETC2-PXI-2208 Datasheet
369Kb / 2P
   96-CH 12-Bit 3 MS/s Ultra High-Density Analog Input Cards
780-MYY-113RYY1 ETC2-780-MYY-113RYY1 Datasheet
329Kb / 4P
   MALE-HIGH DENSITY-MACHINED CONTACTS-VERTICAL
781-MYY-113RYY1 ETC2-781-MYY-113RYY1 Datasheet
324Kb / 4P
   MALE-HIGH DENSITY-MACHINED CONTACTS-RIGHT ANGLE
logo
Dubilier
TYPECSERIES DUBILIER-TYPECSERIES Datasheet
779Kb / 2P
   32, 48, 64 and 96 Contacts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com