Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD100FM Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RD100FM
Description  Old Company Name in Catalogs and Other Documents
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD100FM Datasheet(HTML) 3 Page - Renesas Technology Corp

  RD100FM Datasheet HTML 1Page - Renesas Technology Corp RD100FM Datasheet HTML 2Page - Renesas Technology Corp RD100FM Datasheet HTML 3Page - Renesas Technology Corp RD100FM Datasheet HTML 4Page - Renesas Technology Corp RD100FM Datasheet HTML 5Page - Renesas Technology Corp RD100FM Datasheet HTML 6Page - Renesas Technology Corp RD100FM Datasheet HTML 7Page - Renesas Technology Corp RD100FM Datasheet HTML 8Page - Renesas Technology Corp RD100FM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
2002
ZENER DIODES
RD2.0FM to RD120FM
ZENER DIODES
1 W PLANAR TYPE 2 PIN POWER MINI MOLD
DATA SHEET
Document No.
D16083EJ2V0DS00 (2nd edition)
Date Published
September 2006 NS CP(K)
Printed in Japan
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
PACKAGE DIMENSION
(Unit: mm)
4.3 ±0.1
1.3 ±0.2
1.55 ±0.1
Cathode
Indication
4.7 ±0.3
DESCRIPTION
These products are zener diodes with an allowable power
dissipation of 1 W and a planar type 2 pin power mini mold
package.
FEATURES
• Suitable for high-density mounting because the mounting
area is reduced to about 65% compared with that of the 3-
pin power mini mold RD**P, which has been conventionally
used until now.
• Achieves flat-surface mounting with a two-pin structure,
while having the same Zener voltage classification as that
for RD**Ps.
APPLICATIONS
• Zener voltage and constant-current circuit
• Waveform clipper circuit and limiter circuit
• Surge absorption circuit
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Parameter
Symbol
Ratings
Unit
Remarks
Power dissipation
P
1.0
W
Refer to Figure 1.
Forward current
IF
200
mA
Surge reverse power
PRSM
400
W
t = 10
μs
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
<R>
<R>


Similar Part No. - RD100FM

ManufacturerPart #DatasheetDescription
logo
NEC
RD100FM NEC-RD100FM Datasheet
49Kb / 8P
   ZENER DIODES
logo
EIC discrete Semiconduc...
RD100FM EIC-RD100FM Datasheet
92Kb / 2P
   ZENER DIODES
More results

Similar Description - RD100FM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74LS14P-E RENESAS-74LS14P-E Datasheet
129Kb / 9P
   Old Company Name in Catalogs and Other Documents
2SB1114 RENESAS-2SB1114 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1115A RENESAS-2SB1115A Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB736 RENESAS-2SB736 Datasheet
312Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SC1622A RENESAS-2SC1622A Datasheet
363Kb / 6P
   Old Company Name in Catalogs and Other Documents
UPA1914 RENESAS-UPA1914 Datasheet
201Kb / 10P
   Old Company Name in Catalogs and Other Documents
2SD1007 RENESAS-2SD1007 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1301 RENESAS-2SB1301 Datasheet
224Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SD1699 RENESAS-2SD1699 Datasheet
322Kb / 6P
   Old Company Name in Catalogs and Other Documents
HD64F3642AHV RENESAS-HD64F3642AHV Datasheet
3Mb / 551P
   Old Company Name in Catalogs and Other Documents
UPA1774G-E1-A RENESAS-UPA1774G-E1-A Datasheet
305Kb / 10P
   Old Company Name in Catalogs and Other Documents
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com