Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

621-250-118-115 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 621-250-118-115
Description  Two contact rows with .318 (8.08mm) footprint right-angle bend.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

621-250-118-115 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  621-250-118-115 Datasheet HTML 1Page - List of Unclassifed Manufacturers 621-250-118-115 Datasheet HTML 2Page - List of Unclassifed Manufacturers 621-250-118-115 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Mouser Electronics
Authorized Distributor
Click to View Pricing, Inventory, Delivery & Lifecycle Information:
EDAC:
622-009-260-043 621-009-260-032 621-009-260-033 621-009-460-900 621-015-260-042 621-025-260-041 621-
025-260-042 621-025-260-542 621-025-568-033 621-250-103-115 621-250-104-115 621-250-105-115 621-250-
108-115 621-250-112-115 621-250-113-115 621-250-118-115 621-250-124-115 621-250-125-115 621-250-950-004
621-256-005 621-256-006 622-009-260-032 622-009-260-040 622-009-560-032 622-015-260-092 622-025-260-
032 622-025-260-033 622-050-260-032 622-050-560-032 621-009-260-013 621-009-260-043 621-009-268-032
621-009-560-012 621-009-560-043 621-009-660-042 621-009-660-043 621-009-668-032 621-015-260-043 621-
025-260-012 621-025-260-013 621-025-260-043 621-025-268-032 621-025-268-033 621-025-560-012 621-037-
260-042 621-037-260-043 621-037-268-032 622-009-260-012 622-009-260-013 622-009-268-032 622-009-560-012
622-009-560-013 622-009-560-042 622-009-560-043 622-009-660-012 622-009-660-042 622-009-660-043 622-
015-260-012 622-015-260-043 622-015-660-012 622-015-660-013 622-015-660-042 622-015-660-043 622-015-
668-032 622-025-260-012 622-025-260-042 622-025-268-032 622-025-560-042 622-025-660-012 622-025-660-042
622-025-660-043 622-025-668-032 622-037-260-012 622-037-260-042 622-037-260-043 622-037-660-012 622-
009-260-042 622-015-260-042 622-025-260-043 621-009-260-042


Similar Part No. - 621-250-118-115

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
621-009-260-010 EDAC-621-009-260-010 Datasheet
363Kb / 2P
   621 Series D-Sub Connectors | Two Contact Rows with .318"(8.08mm) Footprint Right Angle Bend | Plug
621-009-260-011 EDAC-621-009-260-011 Datasheet
363Kb / 2P
   621 Series D-Sub Connectors | Two Contact Rows with .318"(8.08mm) Footprint Right Angle Bend | Plug
621-009-260-012 EDAC-621-009-260-012 Datasheet
363Kb / 2P
   621 Series D-Sub Connectors | Two Contact Rows with .318"(8.08mm) Footprint Right Angle Bend | Plug
621-009-260-013 EDAC-621-009-260-013 Datasheet
363Kb / 2P
   621 Series D-Sub Connectors | Two Contact Rows with .318"(8.08mm) Footprint Right Angle Bend | Plug
621-009-260-015 EDAC-621-009-260-015 Datasheet
363Kb / 2P
   621 Series D-Sub Connectors | Two Contact Rows with .318"(8.08mm) Footprint Right Angle Bend | Plug
More results

Similar Description - 621-250-118-115

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
621-SERIES EDAC-621-SERIES Datasheet
363Kb / 2P
   621 Series D-Sub Connectors | Two Contact Rows with .318"(8.08mm) Footprint Right Angle Bend | Plug
622-SERIES EDAC-622-SERIES Datasheet
363Kb / 2P
   622 Series D-Sub Connectors | Two Contact Rows with .318"(8.08mm) Footprint Right Angle Bend | Receptacle
logo
List of Unclassifed Man...
624-025-261-033 ETC2-624-025-261-033 Datasheet
673Kb / 3P
   Two contact rows with .200 (5.08mm) footprint right-angle bend.
626-037-562-043 ETC2-626-037-562-043 Datasheet
731Kb / 3P
   Two contact rows with. 590 (14.99mm) footprint right-angle bend.
632-015-266-033 ETC2-632-015-266-033 Datasheet
560Kb / 3P
   High-density there contact rows with 125 footprint right angle bend
logo
EDAC, All Rights Reserv...
624-SERIES EDAC-624-SERIES Datasheet
373Kb / 2P
   624 Series D-Sub Connectors | Two Contact Rows with .197"(5.00mm) Footprint Right Angle Bend | Receptacle
629-SERIES EDAC-629-SERIES Datasheet
353Kb / 2P
   629 Series D-Sub Connectors | Two Contact Rows with .406"(10.30mm) Footprint Right Angle Bend | Plug
logo
List of Unclassifed Man...
634-015-632-042 ETC2-634-015-632-042 Datasheet
1Mb / 2P
   High-density three contact rows with .350 (8.89) footprint right angle bend
logo
EDAC, All Rights Reserv...
626-SERIES EDAC-626-SERIES Datasheet
357Kb / 2P
   626 Series D-Sub Connectors | Two Contact Rows with .584"(14.84mm) Footprint Right Angle Bend | Receptacle
623-SERIES EDAC-623-SERIES Datasheet
373Kb / 2P
   623 Series D-Sub Connectors | Two Contact Rows with .197"(5.00mm) Footprint Right Angle Bend | Plug
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com