Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBSS4021PZ Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PBSS4021PZ
Description  20 V, 6.6 A PNP low VCEsat (BISS) transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PBSS4021PZ Datasheet(HTML) 5 Page - NXP Semiconductors

  PBSS4021PZ Datasheet HTML 1Page - NXP Semiconductors PBSS4021PZ Datasheet HTML 2Page - NXP Semiconductors PBSS4021PZ Datasheet HTML 3Page - NXP Semiconductors PBSS4021PZ Datasheet HTML 4Page - NXP Semiconductors PBSS4021PZ Datasheet HTML 5Page - NXP Semiconductors PBSS4021PZ Datasheet HTML 6Page - NXP Semiconductors PBSS4021PZ Datasheet HTML 7Page - NXP Semiconductors PBSS4021PZ Datasheet HTML 8Page - NXP Semiconductors PBSS4021PZ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
PBSS4021PZ_1
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 01 — 31 March 2010
5 of 15
NXP Semiconductors
PBSS4021PZ
20 V, 6.6 A PNP low VCEsat (BISS) transistor
FR4 PCB, mounting pad for collector 6 cm2
Fig 3.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
Ceramic PCB, Al2O3, standard footprint
Fig 4.
Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
006aac062
10
1
102
103
Zth(j-a)
(K/W)
10−1
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
duty cycle = 1
0.75
0.5
0.33
0.2
0.1
0.05
0.02
0.01
0
006aac063
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
10
1
102
Zth(j-a)
(K/W)
10−1
0.75
0.50
0.33
0.20
0.01
0.10
0.05
0.02
0
duty cycle = 1


Similar Part No. - PBSS4021PZ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4021PZ NEXPERIA-PBSS4021PZ Datasheet
729Kb / 15P
   20 V, 6.6 A PNP low VCEsat (BISS) transistor
Rev. 01 - 31 March 2010
More results

Similar Description - PBSS4021PZ

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4021PZ NEXPERIA-PBSS4021PZ Datasheet
729Kb / 15P
   20 V, 6.6 A PNP low VCEsat (BISS) transistor
Rev. 01 - 31 March 2010
PBSS4021SP NEXPERIA-PBSS4021SP Datasheet
1Mb / 15P
   20 V, 6.3 A PNP/PNP low VCEsat (BISS) transistor
logo
NXP Semiconductors
PBSS302PZ NXP-PBSS302PZ Datasheet
172Kb / 14P
   20 V, 5.5 A PNP low VCEsat (BISS) transistor
Rev. 02-20 November 2009
PBSS5520X NXP-PBSS5520X Datasheet
208Kb / 13P
   20 V, 5 A PNP low VCEsat (BISS) transistor
2004 Nov 08
PBSS5120T PHILIPS-PBSS5120T Datasheet
47Kb / 7P
   20 V, 1 A PNP low VCEsat (BISS) transistor
2003 Sep 29
PBSS5220V PHILIPS-PBSS5220V_15 Datasheet
182Kb / 13P
   20 V, 2 A PNP low VCEsat (BISS) transistor
Rev. 03-14 December 2009
PBSS5420D PHILIPS-PBSS5420D_15 Datasheet
131Kb / 14P
   20 V, 4 A PNP low VCEsat (BISS) transistor
Rev. 02-29 September 2008
PBSS5320X PHILIPS-PBSS5320X Datasheet
121Kb / 12P
   20 V, 3 A PNP Low VCEsat (BISS) transistor
2004 Nov 04
PBSS5320X PHILIPS-PBSS5320X_15 Datasheet
203Kb / 12P
   PNP low VCEsat (BISS) transistor 20 V, 3 A
2004 Nov 04
PBSS5520X PHILIPS-PBSS5520X_15 Datasheet
208Kb / 13P
   PNP low VCEsat (BISS) transistor 20 V, 5 A
2004 Nov 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com