Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTBB5N10L3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # MTBB5N10L3
Description  N -Channel Logic Level Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTBB5N10L3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MTBB5N10L3 Datasheet HTML 1Page - Cystech Electonics Corp. MTBB5N10L3 Datasheet HTML 2Page - Cystech Electonics Corp. MTBB5N10L3 Datasheet HTML 3Page - Cystech Electonics Corp. MTBB5N10L3 Datasheet HTML 4Page - Cystech Electonics Corp. MTBB5N10L3 Datasheet HTML 5Page - Cystech Electonics Corp. MTBB5N10L3 Datasheet HTML 6Page - Cystech Electonics Corp. MTBB5N10L3 Datasheet HTML 7Page - Cystech Electonics Corp. MTBB5N10L3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C593L3
Issued Date : 2010.07.07
Revised Date : 2011.12.09
Page No. : 3/8
MTBB5N10L3
Preliminary
CYStek Product Specification
Typical Characteristics
Typical Output Characteristics
0
2
4
6
8
10
12
14
16
18
20
024
6
8
10
Brekdown Voltage vs Junction Temperature
100
110
120
130
140
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=250μA,
VGS=0V
VDS, Drain-Source Voltage(V)
10V
9V
8V
7V
6V
5V
4.5V
4V
VGS=3.5V
VGS=3V
V =2.5V
GS
Static Drain-Source On-State resistance vs Drain Current
10
100
1000
0.001
0.01
0.1
1
10
ID, Drain Current(A)
VGS=3V
VGS=10V
VGS=4.5V
Reverse Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1
1.2
02
46
8
1
IDR, Reverse Drain Current(A)
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
100
150
200
250
300
350
400
02
46
8
10
0
Tj=25°C
Tj=150°C
VGS=0V
Drain-Source On-State Resistance vs Junction Tempearture
80
100
120
140
160
180
200
220
240
260
-60
-20
20
60
100
140
180
Tj, Junction Temperature(°C)
VGS=4.5V, ID=1A
VGS=10V, ID=2A
VGS, Gate-Source Voltage(V)
ID=2A
ID=1A


Similar Part No. - MTBB5N10L3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTBB5B10Q8 CYSTEKEC-MTBB5B10Q8 Datasheet
363Kb / 8P
   Logic Level Enhancement Mode Power MOSFET
More results

Similar Description - MTBB5N10L3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTN7478Q8 CYSTEKEC-MTN7478Q8 Datasheet
392Kb / 9P
   N-Channel Logic Level Enhancement Mode MOSFET
logo
Leshan Radio Company
LN7303DT1WG LRC-LN7303DT1WG Datasheet
509Kb / 5P
   N-Channel Logic Level Enhancement Mode MOSFET
LN73023DT1WG LRC-LN73023DT1WG Datasheet
1Mb / 6P
   N-Channel Logic Level Enhancement Mode MOSFET
LNB8303DT0AG LRC-LNB8303DT0AG Datasheet
849Kb / 6P
   N-Channel Logic Level Enhancement Mode MOSFET
logo
Bruckewell Technology L...
MS17N03Q8 BWTECH-MS17N03Q8 Datasheet
352Kb / 4P
   N-Channel Logic Level Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTB17N03Q8 CYSTEKEC-MTB17N03Q8 Datasheet
327Kb / 8P
   N-Channel Logic Level Enhancement Mode MOSFET
MTB55N06Q8 CYSTEKEC-MTB55N06Q8 Datasheet
325Kb / 9P
   N-Channel Logic Level Enhancement Mode MOSFET
logo
Leshan Radio Company
LNB8304RDT0AG LRC-LNB8304RDT0AG Datasheet
412Kb / 5P
   N-Channel Logic Level Enhancement Mode MOSFET
logo
Wuxi U-NIKC Semiconduct...
P2206BV UNIKC-P2206BV Datasheet
795Kb / 8P
   N-Channel Logic Level Enhancement Mode MOSFET
logo
Leshan Radio Company
LN7304DT1WG LRC-LN7304DT1WG Datasheet
548Kb / 5P
   N-Channel Logic Level Enhancement Mode MOSFET
logo
Wuxi U-NIKC Semiconduct...
P0908AD UNIKC-P0908AD Datasheet
804Kb / 8P
   N-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com