Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4227 Datasheet(PDF) 4 Page - NEC

Part # 2SC4227
Description  HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4227 Datasheet(HTML) 4 Page - NEC

  2SC4227 Datasheet HTML 1Page - NEC 2SC4227 Datasheet HTML 2Page - NEC 2SC4227 Datasheet HTML 3Page - NEC 2SC4227 Datasheet HTML 4Page - NEC 2SC4227 Datasheet HTML 5Page - NEC 2SC4227 Datasheet HTML 6Page - NEC 2SC4227 Datasheet HTML 7Page - NEC 2SC4227 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SC4227
4
0
0.5
0
0.5
1
5
10
50
5
10
15
0.1
1.0
0.5
5.0
0
5
10
15
20
25
1.0
5.0
10
50
1
2
3
4
5
VCE = 3 V
f = 1 GHz
VCE = 3 V
IC = 7 mA
VCE = 3 V
f = 1 GHz
0.2
2.0
IC – Collector Current – mA
f – Frequency – GHz
IC – Collector Current – mA
INSERTION POWER GAIN vs.
COLLECTOR CURRENT
INSERTION POWER GAIN vs.
FREQUENCY
NOISE FIGURE vs.
COLLECTOR CURRENT


Similar Part No. - 2SC4227

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4227 RENESAS-2SC4227 Datasheet
202Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR
logo
California Eastern Labs
2SC4227 CEL-2SC4227 Datasheet
846Kb / 6P
   NPN EPITAXIAL SILICON RF TRANSISTOR
logo
Inchange Semiconductor ...
2SC4227 ISC-2SC4227 Datasheet
172Kb / 8P
   Low Noise, High Gain
logo
Renesas Technology Corp
2SC4227 RENESAS-2SC4227 Datasheet
212Kb / 14P
   Silicon Transistor
1997
2SC4227 RENESAS-2SC4227_15 Datasheet
202Kb / 9P
   NPN EPITAXIAL SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW-NOISE AMPLIFICATION 3-PIN MINIMOLD
More results

Similar Description - 2SC4227

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4959 NEC-2SC4959 Datasheet
47Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4958 NEC-2SC4958 Datasheet
46Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4226 NEC-2SC4226 Datasheet
56Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4228 NEC-2SC4228 Datasheet
49Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4955 NEC-2SC4955 Datasheet
44Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC2351 NEC-2SC2351 Datasheet
30Kb / 4P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC4954 NEC-2SC4954 Datasheet
48Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC5013 NEC-2SC5013 Datasheet
52Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5015 NEC-2SC5015 Datasheet
51Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
2SC5011 NEC-2SC5011 Datasheet
52Kb / 8P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com