Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KBP2005G Datasheet(PDF) 1 Page - Diodes Incorporated

Part No. KBP2005G
Description  2.0A GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIODES [Diodes Incorporated]
Homepage  http://www.diodes.com
Logo 

KBP2005G Datasheet(HTML) 1 Page - Diodes Incorporated

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS21205 Rev. F-2
1 of 2
KBP2005G-KBP210G
KBP2005G - KBP210G
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
Features
C
E
G
H
J
K
L
M
N
P
+
_
A
B
D
KBP
Dim
MinMax
A
14.25
14.75
B
10.20
10.60
C
2.29 Typical
D
14.25
14.73
E
3.56
4.06
G
0.76
0.86
H
1.17
1.42
J
2.8 X 45°
Chamfer
K
0.80
1.10
L
3.35
3.65
M
3° Nominal
N
2° Nominal
P
0.30
0.64
All Dimensions in mm
Characteristic
Symbol
KBP
2005G
KBP
201G
KBP
202G
KBP
204G
KBP
206G
KBP
208G
KBP
210G
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
@ TC = 105°C
IO
2.0
A
Non-Repetitive Peak Forward Surge Current, 8.3 ms single
half-sine-wave superimposed on rated load
(JEDEC method)
IFSM
65
A
Forward Voltage per element
@ IF = 2.0A
VFM
1.1
V
Peak Reverse Current
@ TC = 25°C
at Rated DC Blocking Voltage
@ TC = 125°C
IRM
5.0
500
µA
Typical Junction Capacitance per Element (Note 2)
Cj
25
pF
Typical Thermal Resistance (Note 1)
RqJC
14
°C/W
Operating and Storage Temperature Range
Tj,TSTG
-65 to +150
°C
·
Case: Molded Plastic
·
Terminals: Plated Leads, Solderable per
MIL-STD-202, Method 208
·
Polarity: Marked on Body
·
Approx. Weight: 1.52 grams
·
Mounting Position: Any
·
Marking: Type Number
Mechanical Data
·
Glass Passivated Die Construction
·
High Case Dielectric Strength of 1500VRMS
·
Low Reverse Leakage Current
·
Surge Overload Rating to 65A Peak
·
Ideal for Printed Circuit Board Applications
·
Plastic Material - UL Flammability
Classification 94V-0
·
UL Listed Under Recognized Component Index,
File Number E94661
Single phase, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Maximum Ratings and Electrical Characteristics @ TA = 25°C unless otherwise specified
Notes:
1. Thermal resistance from junction to case per element. Unit mounted on 75 x 75 x 1.6mm aluminum plate heat sink.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC.


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn