Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBT16038 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBT16038
Description  160MHz SAW Filter 19MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT16038 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBT16038 Datasheet HTML 1Page - SIPAT Co,Ltd LBT16038 Datasheet HTML 2Page - SIPAT Co,Ltd LBT16038 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT16038
Rev. Date
2006-5-26
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
160MHz SAW Filter
19MHz Bandwidth
Part Number: LBT16038
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
159.9
160
160.1
Insertion Loss
dB
-
32.5
33
3 dB Bandwidth
MHz
18.5
18.59
-
30 dB Bandwidth
MHz
-
19.32
19.4
40 dB Bandwidth
MHz
-
19.48
19.6
50 dB Bandwidth
MHz
-
19.75
20
Passband Variation
dB
-
1.1
1.5
Absolute Delay
usec
-
3.95
4
Ultimate Rejection
dB
45
48
-
Material Temperature coefficient
KHz/°C
-2.88
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
L1=15nH L2=10nH
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
L2
INPUT
OUTPUT
50Ω
50Ω
L1


Similar Part No. - LBT16038

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT16038 SIPAT-LBT16038 Datasheet
137Kb / 3P
   160MHz SAW Filter 19MHz Bandwidth
More results

Similar Description - LBT16038

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT16038 SIPAT-LBT16038 Datasheet
137Kb / 3P
   160MHz SAW Filter 19MHz Bandwidth
LBT16036 SIPAT-LBT16036 Datasheet
148Kb / 3P
   160MHz SAW Filter 19MHz Bandwidth
LBT16036 SIPAT-LBT16036 Datasheet
292Kb / 3P
   160MHz SAW Filter 19MHz Bandwidth
LBN12019 SIPAT-LBN12019 Datasheet
138Kb / 3P
   120MHz SAW Filter 19MHz Bandwidth
LBT11544 SIPAT-LBT11544 Datasheet
139Kb / 3P
   115MHz SAW Filter 19MHz Bandwidth
LBT20006 SIPAT-LBT20006 Datasheet
150Kb / 3P
   200MHz SAW Filter 19MHz Bandwidth
LBN10007 SIPAT-LBN10007 Datasheet
148Kb / 3P
   100MHz SAW Filter 19MHz Bandwidth
LBN12030 SIPAT-LBN12030 Datasheet
149Kb / 3P
   120MHz SAW Filter 19MHz Bandwidth
LBT11544 SIPAT-LBT11544 Datasheet
145Kb / 3P
   115MHz SAW Filter 19MHz Bandwidth
LBN10007 SIPAT-LBN10007 Datasheet
143Kb / 3P
   100MHz SAW Filter 19MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com