Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV890100PDR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV890100PDR2G
Description  1.2A, 2MHz Automotive Buck Switching Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV890100PDR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV890100PDR2G Datasheet HTML 7Page - ON Semiconductor NCV890100PDR2G Datasheet HTML 8Page - ON Semiconductor NCV890100PDR2G Datasheet HTML 9Page - ON Semiconductor NCV890100PDR2G Datasheet HTML 10Page - ON Semiconductor NCV890100PDR2G Datasheet HTML 11Page - ON Semiconductor NCV890100PDR2G Datasheet HTML 12Page - ON Semiconductor NCV890100PDR2G Datasheet HTML 13Page - ON Semiconductor NCV890100PDR2G Datasheet HTML 14Page - ON Semiconductor NCV890100PDR2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
NCV890100
http://onsemi.com
11
TYPICAL CHARACTERISTICS CURVES
Figure 22. DRV Reset Threshold vs. Junction
Temperature
2.5
2.6
2.7
2.8
2.9
3.0
3.1
−50
−25
0
25
50
75
100
125
150
TJ. JUNCTION TEMPERATURE (°C)
Figure 23. DRV Current Limit vs. Junction
Temperature
VDRVSTT
VDRVSTP
21
22
23
24
25
26
27
28
29
30
−50
−25
0
25
50
75
100
125
150
20
25
30
35
40
45
50
55
−50
−25
0
25
50
75
100
125
150
TJ. JUNCTION TEMPERATURE (°C)
Figure 24. Output Precharge Detector
Threshold vs. Junction Temperature
TJ. JUNCTION TEMPERATURE (°C)


Similar Part No. - NCV890100PDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV890100 ONSEMI-NCV890100 Datasheet
177Kb / 16P
   1.2A, 2MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
NCV890100 ONSEMI-NCV890100 Datasheet
250Kb / 19P
   Switching Regulator - Automotive Buck 1.2 A, 2 MHz
November, 2021 ??Rev. 4
NCV890100MWTXG ONSEMI-NCV890100MWTXG Datasheet
250Kb / 19P
   Switching Regulator - Automotive Buck 1.2 A, 2 MHz
November, 2021 ??Rev. 4
NCV890100 ONSEMI-NCV890100_V01 Datasheet
250Kb / 19P
   Switching Regulator - Automotive Buck 1.2 A, 2 MHz
November, 2021 ??Rev. 4
More results

Similar Description - NCV890100PDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV890101 ONSEMI-NCV890101 Datasheet
182Kb / 15P
   1.2A, 2MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 1
NCV890100 ONSEMI-NCV890100 Datasheet
177Kb / 16P
   1.2A, 2MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
NCV890203 ONSEMI-NCV890203 Datasheet
162Kb / 18P
   Automotive Buck Switching Regulator
November, 2014 ??Rev. 0
NCV890103 ONSEMI-NCV890103 Datasheet
163Kb / 19P
   Automotive Buck Switching Regulator
November, 2014 ??Rev. 0
logo
Alpha & Omega Semicondu...
AOZ1282DI AOSMD-AOZ1282DI Datasheet
715Kb / 13P
   EZBuck??1.2A Simple Buck Regulator
logo
Micrel Semiconductor
MIC23201 MICREL-MIC23201 Datasheet
859Kb / 20P
   2MHz PWM 2A Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1282CI AOSMD-AOZ1282CI Datasheet
728Kb / 13P
   EZBuck??1.2A Simple Buck Regulator
logo
Semtech Corporation
SC21150 SEMTECH-SC21150 Datasheet
1Mb / 20P
   Tiny 1.2A Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC2207 MICREL-MIC2207 Datasheet
780Kb / 21P
   3mmx3mm 2MHz 3A PWM Buck Regulator
MIC4723 MICREL-MIC4723_08 Datasheet
536Kb / 20P
   3A 2MHz Integrated Switch Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com