Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

820-IF260.0M-29B Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 820-IF260.0M-29B
Description  260.0 MHz IF SAW Filter 29.53 MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

820-IF260.0M-29B Datasheet(HTML) 1 Page - Oscilent Corporation

  820-IF260.0M-29B Datasheet HTML 1Page - Oscilent Corporation 820-IF260.0M-29B Datasheet HTML 2Page - Oscilent Corporation 820-IF260.0M-29B Datasheet HTML 3Page - Oscilent Corporation 820-IF260.0M-29B Datasheet HTML 4Page - Oscilent Corporation 820-IF260.0M-29B Datasheet HTML 5Page - Oscilent Corporation 820-IF260.0M-29B Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Oscilent Corporation
PRODUCT SPECIFICATION
Oscilent Corporation
Telephone: 1.949.252.0522
Fax: 1.949.252.0522
Email: sales@oscilent.com
Product Specification
www.oscilent.com
REV A January 2011
Oscilent Controlled Document
Ordering Code / Part Number
Product Description
820-IF260.0M-29B
260.0 MHz IF SAW Filter 29.53 MHz Bandwidth
Specification Contents
o
Mechanical Dimensions
o
Test Circuit
o
Maximum Ratings
o
Electrical Specification
o
Frequency Response
o
Smith Chart
o
VSWR
Notes
o
Electrostatic Sensitive Device (ESD)
o
Avoid excessive ultrasonic exposure
o
Solderability compatible with JEDEC J-STD-020C Pb-free process, 260°C peak reflow temperature
o
This product complies with EU directive 2002/95/EC (RoHS compliance)


Similar Part No. - 820-IF260.0M-29B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
820-IF260.0M-29A OSCILENT-820-IF260.0M-29A Datasheet
227Kb / 6P
   260.0 MHz IF SAW Filter 29.61 MHz Bandwidth
More results

Similar Description - 820-IF260.0M-29B

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA26029BD TRANSKO-TA26029BD Datasheet
631Kb / 4P
   260.0 MHz IF SAW Filter / 29.53 MHz Bandwidth
Revision 0: 16. Dec. 2009
logo
Oscilent Corporation
820-IF260.0M-29A OSCILENT-820-IF260.0M-29A Datasheet
227Kb / 6P
   260.0 MHz IF SAW Filter 29.61 MHz Bandwidth
820-IF260.0M-30A OSCILENT-820-IF260.0M-30A Datasheet
229Kb / 6P
   260.0 MHz IF SAW Filter 30.21 MHz Bandwidth
logo
Transko Electronics, In...
TA26019CD1 TRANSKO-TA26019CD1 Datasheet
567Kb / 4P
   260.0 MHz IF SAW Filter / 19.25 MHz Bandwidth
Revision 0: 15. May 2009
TA26030AD TRANSKO-TA26030AD Datasheet
667Kb / 4P
   260.0 MHz IF SAW Filter / 30.21 MHz Bandwidth
Revision 0: 10. Nov. 2009
logo
Oscilent Corporation
820-IF260.0M-30B OSCILENT-820-IF260.0M-30B Datasheet
195Kb / 6P
   260.0 MHz IF SAW Filter 30.25 MHz Bandwidth
821-IF260.0M-20A OSCILENT-821-IF260.0M-20A Datasheet
211Kb / 6P
   260.0 MHz IF SAW Filter 20.23 MHz Bandwidth
813-IF260.0M-19A OSCILENT-813-IF260.0M-19A Datasheet
222Kb / 6P
   260.0 MHz IF SAW Filter 19.38 MHz Bandwidth
logo
Transko Electronics, In...
TA26020AD1 TRANSKO-TA26020AD1 Datasheet
627Kb / 4P
   260.0 MHz IF SAW Filter / 20.23 MHz Bandwidth
Revision 0: 03. Jun. 2009
TA26029AD TRANSKO-TA26029AD Datasheet
502Kb / 4P
   260.0 MHz IF SAW Filter / 29.61 MHz Bandwidth
Revision 0: 30. Oct. 2009
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com