Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ROB-16V102MI6 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. ROB-16V102MI6
Description  ROB Miniature Aluminum Electrolytic Capacitors For Audio
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC2 - List of Unclassifed Manufacturers

ROB-16V102MI6 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ROB-16V102MI6 Datasheet HTML 1Page - List of Unclassifed Manufacturers ROB-16V102MI6 Datasheet HTML 2Page - List of Unclassifed Manufacturers ROB-16V102MI6 Datasheet HTML 3Page - List of Unclassifed Manufacturers ROB-16V102MI6 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
This catalog printed in U.S.A. on 1/2001.
Specification and dimensions in this catalog are subject to change without notice.
If necessary, drawings can be provided.
132
ROB
Miniature Aluminum Electrolytic Capacitors For Audio
WV(V)
6.3
10
16
25
35
50
63
100
Cap.(
µF)
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
1000
2200
3300
4700
6800
Case size by working voltage & capacitance (in mm)
(mm)
5 x 11
5 x 11
6.3 x 11
8 x 11.5
10 x 12.5
16 x 25
16 x 31.5
16 x 35.5
10 x 12.5
12.5 x 25
10 x 20
5 x 11
5 x 11
5 x 11
6.3 x 11
8 x 11.5
16 x 25
16 x 31.5
10 x 12.5
10 x 16
12.5 x 20
5 x 11
6.3 x 11
8 x 11.5
10 x 12.5
16 x 25
16 x 35.5
10 x 16
10 x 20
12.5 x 25
5 x 11
5 x 11
6.3 x 11
8 x 11.5
16 x 25
16 x 25
10 x 16
10 x 20
12.5 x 20
6.3 x 11
8 x 11.5
10 x 20
10 x 12.5
12.5 x 20
5 x 11
5 x 11
5 x 11
5 x 11
6.3 x 11
6.3 x 11
8 x 11.5
10 x 16
12.5 x 20
16 x 25
8 x 11.5
10 x 12.5
12.5 x 20
5 x 11
8 x 11.5
12.5 x 20
12.5 x 25
16 x 25
8 x 11.5
10 x 20
5 x 11
10 x 12.5
5 x 11
5 x 11
5 x 11
6.3 x 11
8 x 11.5
12.5 x 20
16 x 25
10 x 16
10 x 20
ELNA PART NO. / WV (V)
CAP.
SIZE (
φx L)
tan
δ
Ripple Current
(
µF)
(mm)
(mArms)
ELNA PART NO. / WV (V)
CAP.
SIZE (
φx L)
tan
δ
Ripple Current
(
µF)
(mm)
(mArms)
Standard Ratings
6.3 V
ROB-6V330ME3
33
5 x 11
0.24
55
ROB-6V470ME3
47
6.3 x 11
0.24
65
ROB-6V101MF3
100
8 x 11.5
0.24
110
ROB-6V221MG3
220
10 x 12.5
0.24
185
ROB-6V331MH3
330
10 x 12.5
0.24
265
ROB-6V471MH3
470
10 x 20
0.24
315
ROB-6V102MH5
1000
12.5 x 25
0.24
550
ROB-6V222MI6
2200
16 x 25
0.26
980
ROB-6V332MJ6
3300
16 x 31.5
0.28
1300
ROB-6V472MJ7
4700
16 x 35.5
0.30
1700
ROB-6V682MJ8
6800
0.34
2100
10 V
ROB-10V220ME3
22
5 x 11
0.20
50
ROB-10V330ME3
33
0.20
65
ROB-10V470ME3
47
6.3 x 11
0.20
75
ROB-10V101MF3
100
8 x 11.5
0.20
120
ROB-10V221MG3
220
0.20
200
ROB-10V331MH3
330
10 x 12.5
0.20
290
ROB-10V471MH4
470
10 x 16
0.20
380
ROB-10V102MI5
1000
12.5 x 20
0.20
670
ROB-10V332MJ7
3300
16 x 31.5
0.24
1600
16 V
ROB-16V100ME3
10
5 x 11
0.16
35
ROB-16V220ME3
22
0.16
60
ROB-16V330ME3
33
6.3 x 11
0.16
70
ROB-16V470MF3
47
8 x 11.5
0.16
150
100
0.16
265
ROB-16V221MH3
220
10 x 12.5
0.16
350
ROB-16V331MH4
330
10 x 16
0.16
460
ROB-16V471MH5
470
12.5 x 25
0.16
810
ROB-16V102MI6
1000
0.16
1350
ROB-16V222MJ6
2200
16 x 25
0.18
1800
25 V
ROB-25V4R7ME3
4.7
5 x 11
0.14
25
ROB-25V100ME3
10
5 x 11
0.14
40
ROB-25V220ME3
22
0.14
60
ROB-25V330MF3
33
0.14
80
Note: Allowable Ripple Current 120 Hz at 85
°C
18 x 40
10000
18 x 40
16 x 35.5
18 x 35.5
16 x 35.5
18 x 35.5
16 x 31.5
18 x 35.5
16 x 31.5
18 x 35.5
5 x 11
5 x 11
5 x 11
6.3 x 11
12.5 x 25
18 x 40
5 x 11
6.3 x 11
5 x 11
5 x 11
ROB-6V103MK9
18 x 40
0.42
2800
ROB-16V332MJ8
3300
16 x 35.5
0.20
2400
ROB-16V472MK8
4700
18 x 35.5
0.22
ROB-10V222MJ6
2200
16 x 25
0.22
1200
ROB-10V682MK9
6800
18 x 40
0.30
2600
ROB-10V472MJ8
4700
16 x 35.5
0.26
1900
ROB-16V101MG3
5 x 11
6.3 x 11
10000
5 x 11
5 x 11
5 x 11
10 x 20
5 x 11
5 x 11
95
123


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn