Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ROB-6V101MF3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ROB-6V101MF3
Description  ROB Miniature Aluminum Electrolytic Capacitors For Audio
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ROB-6V101MF3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ROB-6V101MF3 Datasheet HTML 1Page - List of Unclassifed Manufacturers ROB-6V101MF3 Datasheet HTML 2Page - List of Unclassifed Manufacturers ROB-6V101MF3 Datasheet HTML 3Page - List of Unclassifed Manufacturers ROB-6V101MF3 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This catalog printed in U.S.A. on 1/2001.
Specification and dimensions in this catalog are subject to change without notice.
If necessary, drawings can be provided.
131
ROB
Miniature Aluminum Electrolytic Capacitors For Audio
No.
Item
Performance
1
Temperature range (
°C)
–40 to +85
2
Leakage current (
µA)
Less than 0.01 CV or 4 whichever is larger (after five minutes)
C: Capacitance (
µF), V: Voltage (V)
3
Capacitance tolerance (%)
±20
(20
°C, 120 Hz)
4
Tangent of loss angle
(tan
δ)
Endurance
5
(85
°C)
(Applied ripple current)
6
Max. storage temp. (85
°C)
Test time 500 hrs. Others have same as endurance in No. 5. Voltage application treatment.
7
Applicable Standards
JIS C 5101-1, 5101-4 1998 (IEC 60384-1 1992, 60384-4 1985)
Coefficients of Frequency for Ripple Current
Frequency (Hz)
50 • 60
120
1 k
10 k
100 k
Rated Voltage (V)
Rated Voltage (V)
6.3 to 16
25 to 35
50 to 100
All CV value
0.8
1
1.1
1.2
1.2
≤1000
0.8
1
1.5
1.7
1.7
1000 <
0.8
1
1.2
1.3
1.3
≤1000
0.8
1
1.6
1.9
1.9
1000 <
0.8
1
1.2
1.3
1.3
Photo
Outline Drawing
Specifications
Lead spacing and wire diameter
φd ± 0.05 copper wire
(tinned)
Vent (except
φ5)
φD
F
φd
α
5
2.0
1.5
6.3
2.5
8
3.5
0.6
10
5.0
12.5
16
7.5
0.8
18
Sleeve
L +
α max.
15 min.
5 min.
1.5 for L16 max.
2.0 for L20 min.
Coefficients of Temperature for Ripple Current
Temperature (
°C)
+70 or less
+85
Coefficients
1.35
1
Unit: mm
s TONEREX
Adopting the newly developed formation method and composite electrolytic paper for audio application has reduced distortion,
Gold-printing on a black sleeve. (labeled “TONEREX”)
Test time
1000 hrs
Leakage current
Initial specified value or less
Change in capacitance
Within
±20% of initial value
tan
δ
150% or less of initial specified value
Rated voltage (V)
6.3
10
16
25
35
50
63
100
tan
δ
0.24
0.20
0.16
0.14
0.12
0.10
0.09
0.08
(20
°C,
120 Hz)
0.02 is added to each 1000
µF increase over 1000 µF
achieving high-quality sound.
All lead wires are oxygen-free copper wires to reduce distortion.
122


Similar Part No. - ROB-6V101MF3

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
ROB-00319 SPARKFUN-ROB-00319 Datasheet
142Kb / 1P
   Dual Motor GearBox
2/9/2016
ROB-00320 SPARKFUN-ROB-00320 Datasheet
103Kb / 1P
   Ball Caster Omni-Directional Metal
1/18/2016
ROB-08899 SPARKFUN-ROB-08899 Datasheet
98Kb / 1P
   Wheel 42x19mm
1/18/2016
ROB-08908 SPARKFUN-ROB-08908 Datasheet
92Kb / 1P
   Ball Caster Plastic - 3/8
2/12/2016
ROB-08909 SPARKFUN-ROB-08909 Datasheet
93Kb / 1P
   Ball Caster Metal - 3/8
2/15/2016
More results

Similar Description - ROB-6V101MF3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RBD-10V102MI5 ETC2-RBD-10V102MI5 Datasheet
181Kb / 1P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
R2O-25V101MF3 ETC2-R2O-25V101MF3 Datasheet
181Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
RFS-25V101MH4 ETC2-RFS-25V101MH4 Datasheet
120Kb / 1P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
RFO-25V101MF3 ETC2-RFO-25V101MF3 Datasheet
86Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO
logo
Taiyo Yuden (U.S.A.), I...
RFS-100V101MJ6 TAIYO-YUDEN-RFS-100V101MJ6 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
RFS-100V221MK9 TAIYO-YUDEN-RFS-100V221MK9 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
RFS-100V330MI5 TAIYO-YUDEN-RFS-100V330MI5 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
RFS-100V470MI6 TAIYO-YUDEN-RFS-100V470MI6 Datasheet
256Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RFS]
RFS-10V221MH4 TAIYO-YUDEN-RFS-10V221MH4 Datasheet
256Kb / 2P
   FOR AUTOMOTIVE AUDIO MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RFS]
RFS-6V101MG3 TAIYO-YUDEN-RFS-6V101MG3 Datasheet
256Kb / 2P
   FOR AUTOMOTIVE AUDIO MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS[RFS]
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com