Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB032P06V8 Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # MTB032P06V8
Description  P-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB032P06V8 Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  MTB032P06V8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB032P06V8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB032P06V8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB032P06V8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB032P06V8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB032P06V8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB032P06V8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB032P06V8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB032P06V8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C924V8
Issued Date : 2013.06.06
Revised Date :
Page No. : 5/9
MTB032P06V8
CYStek Product Specification
Typical Characteristics(Cont.)
Capacitance vs Drain-to-Source Voltage
10
100
1000
10000
0.1
1
10
100
-VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss
Normalized Threshold Voltage vs Junction
Tempearture
0.2
0.4
0.6
0.8
1
1.2
1.4
-60 -40 -20
0
20 40
60 80 100 120 140 160
Tj, Junction Temperature(°C)
ID=-250μA
Forward Transfer Admittance vs Drain Current
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
100
-ID, Drain Current(A)
VDS=-5V
Pulsed
Ta=25°C
Gate Charge Characteristics
0
2
4
6
8
10
0
5
10
15
20
25
30
35
40
Qg, Total Gate Charge(nC)
VDS=-48V
ID=-6A
Maximum Safe Operating Area
0.01
0.1
1
10
100
0.01
0.1
1
10
100
-VDS, Drain-Source Voltage(V)
DC
10ms
1ms
TA=25°C, Tj=150°C
VGS=-10V, RθJA=50°C/W
Single Pulse
RDS(ON)
Limite
1s
100μs
100m
Maximum Drain Current vs JunctionTemperature
0
1
2
3
4
5
6
7
8
25
50
75
100
125
150
175
Tj, Junction Temperature(°C)
TA=25°C, VGS=-10V,θJA=50°C/W


Similar Part No. - MTB032P06V8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB032P06AV8 CYSTEKEC-MTB032P06AV8 Datasheet
458Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTB032P06V8

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com