Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4225 Datasheet(PDF) 4 Page - NEC

Part # 2SC4225
Description  MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4225 Datasheet(HTML) 4 Page - NEC

  2SC4225 Datasheet HTML 1Page - NEC 2SC4225 Datasheet HTML 2Page - NEC 2SC4225 Datasheet HTML 3Page - NEC 2SC4225 Datasheet HTML 4Page - NEC 2SC4225 Datasheet HTML 5Page - NEC 2SC4225 Datasheet HTML 6Page - NEC 2SC4225 Datasheet HTML 7Page - NEC 2SC4225 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SC4225
4
S-PARAMETER
VCE = 3 V, IC = 3 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.843
–40.1
8.958
150.1
0.058
71.5
0.917
–22.9
200.00
0.718
–70.6
7.260
129.1
0.091
56.8
0.752
–37.6
300.00
0.594
–94.7
5.738
113.1
0.113
47.2
0.600
–48.3
400.00
0.525
–112.6
4.674
103.7
0.124
45.2
0.495
–52.9
500.00
0.484
–127.3
3.900
95.2
0.131
42.4
0.413
–55.8
600.00
0.462
–140.8
3.448
90.4
0.142
43.3
0.365
–57.6
700.00
0.442
–152.7
3.124
82.8
0.149
42.6
0.325
–58.8
800.00
0.432
–161.9
2.834
78.4
0.160
42.9
0.301
–61.0
900.00
0.427
–169.2
2.501
72.7
0.165
45.0
0.278
–63.3
1000.00
0.440
–176.6
2.307
68.2
0.174
44.8
0.257
–66.7
1100.00
0.452
175.9
2.115
64.9
0.184
47.4
0.239
–70.2
1200.00
0.453
167.6
1.987
60.0
0.198
46.8
0.220
–73.4
1300.00
0.449
162.2
1.895
56.1
0.213
46.9
0.207
–77.4
1400.00
0.446
158.3
1.726
52.3
0.216
46.2
0.192
–81.7
1500.00
0.465
154.7
1.627
47.4
0.226
45.3
0.185
–86.6
1600.00
0.483
151.1
1.527
46.8
0.234
47.9
0.179
–92.9
1700.00
0.498
145.6
1.437
44.1
0.244
47.4
0.173
–99.7
1800.00
0.512
141.5
1.431
41.9
0.262
49.2
0.167 –109.1
1900.00
0.516
138.1
1.381
38.8
0.279
47.9
0.163 –116.6
2000.00
0.528
135.1
1.363
33.5
0.296
46.2
0.162 –123.7
VCE = 3 V, IC = 10 mA
Frequency
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.583
–73.8
18.505
129.9
0.042
64.4
0.710
–44.7
200.00
0.453
–112.7
11.723
108.7
0.059
57.2
0.451
–61.0
300.00
0.388
–136.1
8.269
96.9
0.077
56.3
0.315
–69.6
400.00
0.367
–151.2
6.297
90.6
0.090
59.0
0.240
–73.6
500.00
0.363
–162.6
5.086
85.0
0.103
59.3
0.191
–76.3
600.00
0.363
–172.6
4.407
82.2
0.120
61.9
0.161
–78.8
700.00
0.360
178.7
3.802
76.4
0.136
61.0
0.138
–82.2
800.00
0.360
173.2
3.468
73.4
0.155
60.6
0.121
–87.2
900.00
0.364
168.8
3.104
69.3
0.167
61.2
0.107
–93.1
1000.00
0.384
164.4
2.846
65.9
0.184
59.4
0.095 –101.3
1100.00
0.401
159.4
2.595
63.5
0.199
60.3
0.085 –109.7
1200.00
0.407
152.9
2.426
59.5
0.217
58.1
0.080 –120.3
1300.00
0.408
148.8
2.311
56.0
0.237
56.9
0.078 –130.6
1400.00
0.408
146.0
2.093
52.9
0.244
55.1
0.089 –142.6
1500.00
0.426
143.6
1.962
48.5
0.259
52.8
0.084 –151.9
1600.00
0.442
141.2
1.840
48.4
0.268
54.0
0.091 –160.6
1700.00
0.458
137.3
1.732
46.3
0.282
52.3
0.103 –169.0
1800.00
0.473
134.2
1.714
44.3
0.301
52.9
0.117 –177.8
1900.00
0.480
131.5
1.651
41.5
0.320
50.5
0.128
176.1
2000.00
0.493
129.0
1.626
36.4
0.338
47.9
0.139
172.1


Similar Part No. - 2SC4225

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4225 RENESAS-2SC4225 Datasheet
178Kb / 10P
   SILICON TRANSISTOR
1996
More results

Similar Description - 2SC4225

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4187 NEC-2SC4187 Datasheet
43Kb / 6P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC5193 NEC-2SC5193 Datasheet
65Kb / 12P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR COMPACT MINI MOLD
2SC4094 NEC-2SC4094 Datasheet
102Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4093 NEC-2SC4093 Datasheet
70Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4095 NEC-2SC4095 Datasheet
107Kb / 8P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
logo
Renesas Technology Corp
2SC4095 RENESAS-2SC4095_15 Datasheet
329Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4094 RENESAS-2SC4094_15 Datasheet
323Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
logo
NEC
2SC5192 NEC-2SC5192 Datasheet
68Kb / 10P
   MICROWAVE LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR 4 PINS MINI MOLD
2SC4959 NEC-2SC4959 Datasheet
47Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC4958 NEC-2SC4958 Datasheet
46Kb / 6P
   HIGH FREQUENCY LOW NOISE AMPLIFIER NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com