Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB09P03J3 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # MTB09P03J3
Description  P-Channel Logic Level Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB09P03J3 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  MTB09P03J3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB09P03J3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB09P03J3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB09P03J3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB09P03J3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB09P03J3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB09P03J3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB09P03J3 Datasheet HTML 8Page - Cystech Electonics Corp. MTB09P03J3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C808J3
Issued Date : 2010.01.18
Revised Date : 2013.12.26
Page No. : 4/9
MTB09P03J3
CYStek Product Specification
Typical Characteristics
Typical Output Characteristics
0
20
40
60
80
100
120
140
160
180
200
02
4
6
8
10
Brekdown Voltage vs Ambient Temperature
30
32
34
36
38
40
-100
-50
0
50
100
150
200
Tj, Junction Temperature(°C)
ID=-250μA,
VGS=0V
-VDS, Drain-Source Voltage(V)
10V
9V
8V
7V
6V
-VGS=5V
-VGS=4V
-VGS=3V
-V =2V
GS
Static Drain-Source On-State resistance vs Drain Current
1
10
100
1000
0.001
0.01
0.1
1
10
100
-ID, Drain Current(A)
VGS=-2.5V
VGS=-3V
VGS=-4.5V
VGS=-10V
Reverse Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1
1.2
02
46
8
1
-IDR, Reverse Drain Current(A)
0
Tj=25°C
Tj=150°C
VGS=0V
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
40
80
120
160
200
02
4
6
8
10
Drain-Source On-State Resistance vs Junction Tempearture
0
5
10
15
20
-60
-20
20
60
100
140
180
Tj, Junction Temperature(°C)
VGS=-4.5V, ID=-10A
VGS=-10V, ID=-25A
-VGS, Gate-Source Voltage(V)
ID=-25A


Similar Part No. - MTB09P03J3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB09P03E3 CYSTEKEC-MTB09P03E3 Datasheet
386Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
MTB09P03E3-0-UB-X CYSTEKEC-MTB09P03E3-0-UB-X Datasheet
386Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTB09P03J3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTP4835L3 CYSTEKEC-MTP4835L3 Datasheet
342Kb / 8P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB60P06E3 CYSTEKEC-MTB60P06E3 Datasheet
268Kb / 7P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTP9006E3 CYSTEKEC-MTP9006E3 Datasheet
257Kb / 6P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB7D0P03J3 CYSTEKEC-MTB7D0P03J3 Datasheet
464Kb / 9P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB25P06FP CYSTEKEC-MTB25P06FP Datasheet
346Kb / 8P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB12P04J3 CYSTEKEC-MTB12P04J3 Datasheet
343Kb / 7P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTEF1P15L3 CYSTEKEC-MTEF1P15L3 Datasheet
290Kb / 8P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB90P06Q8 CYSTEKEC-MTB90P06Q8 Datasheet
344Kb / 9P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTP4060J3 CYSTEKEC-MTP4060J3 Datasheet
326Kb / 8P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB25P06J3 CYSTEKEC-MTB25P06J3 Datasheet
290Kb / 9P
   P-Channel Logic Level Enhancement Mode Power MOSFET
MTB45P03Q8 CYSTEKEC-MTB45P03Q8 Datasheet
364Kb / 8P
   P-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com