Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

62091-1 Datasheet(PDF) 16 Page - Tyco Electronics

Part # 62091-1
Description  FASTON Receptacles
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

62091-1 Datasheet(HTML) 16 Page - Tyco Electronics

Back Button 62091-1 Datasheet HTML 12Page - Tyco Electronics 62091-1 Datasheet HTML 13Page - Tyco Electronics 62091-1 Datasheet HTML 14Page - Tyco Electronics 62091-1 Datasheet HTML 15Page - Tyco Electronics 62091-1 Datasheet HTML 16Page - Tyco Electronics 62091-1 Datasheet HTML 17Page - Tyco Electronics 62091-1 Datasheet HTML 18Page - Tyco Electronics 62091-1 Datasheet HTML 19Page - Tyco Electronics 62091-1 Datasheet HTML 20Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
25
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTON Terminals (Insulated and Uninsulated)
187 Series C-Crimp Flag Receptacles
Wire Range
Style
Tab
Insulation
Material
Stock
L
Terminal
AWG
Fit
Diameter
and Finish
Thickness
(Overall Length)
Part Number
.020
.090-.130
Brass
.014
.522
X
X
1217009-1
0.51
2.29-3.30
0.36
13.26
.020
.090-.130
Brass,
.014
.522
X
X
1217009-2
20-16
A
0.51
2.29-3.30
Tin Plated
0.36
13.26
.032
.090-.130
Brass
.014
.522
X
X
1217010-1
0.81
2.29-3.30
0.36
13.26
.032
.090-.130
Brass,
.014
.522
X
X
1217010-2
0.81
2.29-3.30
Tin Plated
0.36
13.26
.032
.100-.155
Brass
.016
.535
1
X1
1
X1
1217244-1
18-14
A
0.81
2.54-3.94
0.41
13.59
.032
.100-.155
Brass,
.016
.535
X
X
1217244-2
0.81
2.54-3.94
Tin Plated
0.41
13.59
1
16 & 18 AWG only.
R
R
R
C-Crimp Line
A — 187 Series C-Crimp
Flag Receptacles
.250
[6.35]
.230
[5.84]
L
187 Series F-Crimp Flags
F-Crimp Line
Wire Range
Style
Tab
Insulation
Material
Stock
L
Terminal
AWG
Fit
Diameter
and Finish
Thickness
(Overall Length)
Part Number
.020
.060-.110
Brass
0.012
0.445
X
X
1742086-1
0.51
1.52-2.79
0.31
11.30
.020
.060-.110
Brass,
0.012
0.445
X
X
1742086-2
22-18
A
0.51
1.52-2.79
Tin Plated
0.31
11.30
.032
.060-.110
Brass
0.012
0.445
X
X
1742087-1
0.81
1.52-2.79
0.31
11.30
.032
.060-.110
Brass,
0.012
0.445
X
X
1742087-2
0.81
1.52-2.79
Tin Plated
0.31
11.30
20-16
B
.020
.090-.130
Brass
.012
.596
626412-1
0.51
2.29-3.30
0.31
15.14
.020
.060-.150
Brass
.016
.430
X
X
63512-1
0.51
1.52-3.81
0.41
10.92
.032
.060-.150
Brass
.016
.430
X
X
63316-1
B
0.81
1.52-3.81
0.41
10.92
18-14
.032
.060-.150
Brass,
.016
.430
X
X
63316-2
0.81
1.52-3.81
Tin Plated
0.41
10.92
.032
.060-.150
Steel,
.016
.430
X
X
63316-3
0.81
1.52-3.81
Nickel Plated
0.41
10.92
C
.032
—Brass
.016
.430
X
X
63317-1
0.81
0.41
10.92
.020
.110-.150 or 2-.110 max
Brass
0.012
0.445
X1
—X1
1742088-1
0.51
2.79-3.81 or 2-2.79
0.31
11.30
.020
.110-.150 or 2-.110 max
Brass,
0.012
0.445
X1
—X1
1742088-2
18-14 or (2) 18
A
0.51
2.79-3.81 or 2-2.79
Tin Plated
0.31
11.30
.032
.110-.150 or 2-.110 max
Brass
0.012
0.445
X1
—X1
1742089-1
0.81
2.79-3.81 or 2-2.79
0.31
11.30
.032
.110-.150 or 2-.110 max
Brass,
0.012
0.445
X1
—X1
1742089-2
0.81
2.79-3.81 or 2-2.79
Tin Plated
0.31
11.30
.020
.110-.150 or 2-.110 max
Steel,
0.012
0.445
X1
1742312-1
18 or (2) 18
A
0.51
2.79-3.81 or 2-2.79
Nickel Plated
0.31
11.30
.032
.110-.150 or 2-.110 max
Steel,
0.012
0.445
X1
1742049-1
0.81
2.79-3.81 or 2-2.79
Nickel Plated
0.31
11.30
1
UL/CSA Approved for 18 & 16 AWG only
R
R
R
A — End of Wire with
Insulation Support
C — Center Strip with
No Insulation Support
.230
[5.84]
.240
[6.10]
L
.221
[5.61]
.256
[6.35]
.445
[11.30]
.230
[5.84]
.240
[6.10]
L
B — Center Strip with
Insulation Support
Note: All part numbers are RoHS compliant.


Similar Part No. - 62091-1

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
62094 MICROPAC-62094 Datasheet
120Kb / 2P
   VISIBLE HERMETIC LED INDICATOR
62096 MICROPAC-62096 Datasheet
77Kb / 2P
   Hermetically sealed
62098 MICROPAC-62098 Datasheet
170Kb / 3P
   TRI-COLOR HERMETIC LED INDICATORS
logo
Alpha Wire
6209C ALPHAWIRE-6209C Datasheet
77Kb / 2P
   Component 1 9 X 1 PAIR
More results

Similar Description - 62091-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
41802 ETC2-41802 Datasheet
944Kb / 22P
   FASTON Receptacles
0-0928814-1 ETC2-0-0928814-1 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
logo
Tyco Electronics
1217754-1 MACOM-1217754-1 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
logo
TE Connectivity Ltd
3-520106-2 TEC-3-520106-2 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
logo
Tyco Electronics
1742882-1 MACOM-1742882-1 Datasheet
50Kb / 1P
   RECEPTACLE, FASTON
928930-2 MACOM-928930-2 Datasheet
26Kb / 1P
   TAB 2.8X0.8mm FASTIN-FASTON Flaachsteker 2.8X0.8mm Fastin-Faston
1-480417-0 MACOM-1-480417-0 Datasheet
43Kb / 1P
   HOUSING, RECEPTACLE,FASTON
726386 MACOM-726386 Datasheet
50Kb / 1P
   FASTON TAB 6.3X0.8
1742881-1 MACOM-1742881-1 Datasheet
49Kb / 1P
   RECEPTACLE, FASTON, FLAG
60252-1 MACOM-60252-1 Datasheet
48Kb / 1P
   RECEPTACLE, FASTON, SPECIAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com