Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60851-1 Datasheet(PDF) 11 Page - Tyco Electronics

Part # 60851-1
Description  FASTON Receptacles
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

60851-1 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button 60851-1 Datasheet HTML 7Page - Tyco Electronics 60851-1 Datasheet HTML 8Page - Tyco Electronics 60851-1 Datasheet HTML 9Page - Tyco Electronics 60851-1 Datasheet HTML 10Page - Tyco Electronics 60851-1 Datasheet HTML 11Page - Tyco Electronics 60851-1 Datasheet HTML 12Page - Tyco Electronics 60851-1 Datasheet HTML 13Page - Tyco Electronics 60851-1 Datasheet HTML 14Page - Tyco Electronics 60851-1 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
20
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTON Terminals (Insulated and Uninsulated)
205 Series Receptacles
Straight Receptacles
Flag Receptacles
.250
[6.35]
.250
[6.35]
A — Premier Line,
Insulation Support
B — Economy Line,
Insulation Support
C — Premier line
Non-Insulation Support
D — Economy Line,
Non-Insulation Support
E — Premier Line,
Tab-Lok Flag
F — Economy Line,
Tab-Lok Flag
.250
[6.35]
.250
[6.35]
L
.250
[6.35]
.250
[6.35]
L
L
.250
[6.35]
.250
[6.35]
L
.250
[6.35]
L
.250
[6.35]
.250
[6.35]
L
.250
[6.35]
Wire Range
Style
Tab
Insulation
Material
Stock
L
Terminal
AWG
Fit
Diameter
and Finish
Thickness
(Overall Length)
Part Number
26-22
A
.020
.050-.070
Brass,
.012
.620
X
X
60674-11
0.51
1.27-1.78
Tin Plated
0.31
15.75
.020
.085-.125
Brass
.012
.615
X
X
42198-1
0.51
2.16-3.18
0.31
15.62
A
.020
.085-.125
Brass,
.012
.615
X
X
42198-2
0.51
2.16-3.18
Tin Plated
0.31
15.62
.032
.085-.125
Brass,
.012
.615
X
X
42299-2
0.81
2.16-3.18
Tin Plated
0.31
15.62
22-18
.020
.085-.125
Brass
.012
.615
X
X
42710-1
0.51
2.16-3.18
0.31
15.62
B
.020
.085-.125
Brass,
.012
.615
X
X
42710-2
0.51
2.16-3.18
Tin Plated
0.31
15.62
.032
.085-.125
Brass,
.012
.615
X
X
60904-2
0.81
2.16-3.18
Tin Plated
0.31
15.62
C
.020
Brass,
.012
.470
X
X
42197-22
0.51
Tin Plated
0.31
11.94
.032
.130-.180
Brass,
.016
.615
X
X
42233-2
A
0.81
3.30-4.57
Tin Plated
0.41
15.62
.032
.130-.180
Phos Brz,
.016
.615
X
X
42233-7
0.81
3.30-4.57
Tin Plated
0.41
15.62
.020
.130-.180
Brass,
.012
.615
X
X
42713-2
18-14
B
0.51
3.30-4.57
Tin Plated
0.31
15.62
.020
.130-.180
Brass,
.016
.615
X
X
42781-2
0.51
3.30-4.57
Tin Plated
0.41
15.62
C
.032
Phos Brz,
.016
.470
X
X
42239-4
0.81
Tin Plated
0.41
11.94
D
.020
Brass,
.012
.470
X
X
42712-22
0.51
Tin Plated
0.31
11.94
1
UL listed and CSA certified for 22 AWG.
2
Moldable.
R
R
R
Wire Range
Style
Tab
Insulation
Material
Stock
L
Terminal
AWG
Fit
Diameter
and Finish
Thickness
(Overall Length)
Part Number
.020
.110-.170
Brass
.012
.530
X
X
42199-1
20-16
E
0.51
2.79-4.32
0.31
13.46
.020
.110-.170
Brass,
.012
.530
X
X
42199-2
0.51
2.79-4.32
Tin Plated
0.31
13.46
.020
.110-.170
Brass,
.016
.530
X
X
62354-1
E
0.51
2.79-4.32
Tin Plated
0.41
13.46
.032
.110-.170
Brass,
.016
.530
X
X
42234-2
20-14
0.81
2.79-4.32
Tin Plated
0.41
13.46
.032
.110-.170
Brass
.016
.530
X
X
60195-11
F
0.81
2.79-4.32
0.41
13.46
.032
.110-.170
Brass,
.016
.530
X
X
60195-21
0.81
2.79-4.32
Tin Plated
0.41
13.46
1
Moldable.
R
R
R
Note: All part numbers are RoHS compliant.


Similar Part No. - 60851-1

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
60850-1 TEC-60850-1 Datasheet
64Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
60850-2 TEC-60850-2 Datasheet
64Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 60851-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
41802 ETC2-41802 Datasheet
944Kb / 22P
   FASTON Receptacles
0-0928814-1 ETC2-0-0928814-1 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
logo
Tyco Electronics
1217754-1 MACOM-1217754-1 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
logo
TE Connectivity Ltd
3-520106-2 TEC-3-520106-2 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
logo
Tyco Electronics
1742882-1 MACOM-1742882-1 Datasheet
50Kb / 1P
   RECEPTACLE, FASTON
928930-2 MACOM-928930-2 Datasheet
26Kb / 1P
   TAB 2.8X0.8mm FASTIN-FASTON Flaachsteker 2.8X0.8mm Fastin-Faston
1-480417-0 MACOM-1-480417-0 Datasheet
43Kb / 1P
   HOUSING, RECEPTACLE,FASTON
726386 MACOM-726386 Datasheet
50Kb / 1P
   FASTON TAB 6.3X0.8
1742881-1 MACOM-1742881-1 Datasheet
49Kb / 1P
   RECEPTACLE, FASTON, FLAG
60252-1 MACOM-60252-1 Datasheet
48Kb / 1P
   RECEPTACLE, FASTON, SPECIAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com