Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60641-1 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 60641-1
Description  FASTON Receptacles
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

60641-1 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 60641-1 Datasheet HTML 4Page - Tyco Electronics 60641-1 Datasheet HTML 5Page - Tyco Electronics 60641-1 Datasheet HTML 6Page - Tyco Electronics 60641-1 Datasheet HTML 7Page - Tyco Electronics 60641-1 Datasheet HTML 8Page - Tyco Electronics 60641-1 Datasheet HTML 9Page - Tyco Electronics 60641-1 Datasheet HTML 10Page - Tyco Electronics 60641-1 Datasheet HTML 11Page - Tyco Electronics 60641-1 Datasheet HTML 12Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
17
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTON Terminals (Insulated and Uninsulated)
250 Series Tab-Lok Flags (Continued)
Flag Receptacles,
Non-Insulation Support
Wire Range
Style
Tab
Insulation
Material
Stock
L
Terminal
AWG
Fit
Diameter
and Finish
Thickness
(Overall Length)
Part Number
.032
Brass,
.016
.600
X
X
61177-23
0.81
Pre-Tin Plated
0.41
15.24
.032
Brass,
.016
.600
X
X
61177-34
A
0.81
Pre-Tin Plated
0.41
15.24
.032
—Brass
.016
.600
X
X
62091-15
0.81
0.41
15.24
.032
Brass,
.016
.600
X
X
62091-25
0.81
Pre-Tin Plated
0.41
15.24
.032
Brass,
.018
.610
X
X
62021-35
0.81
Tin Plated
0.46
15.49
18-12
.032
Pho. Brz,
.018
.670
X
X
62056-11,3
0.81
Silver Plated
0.46
17.02
.032
Pho. Brz,
.018
.670
X
X
62056-21,2,4
0.81
Silver Plated
0.46
17.02
B
.032
Pho. Brz,
.018
.670
X
X
62056-62,3
0.81
Tin Plated
0.46
17.02
.032
Pho. Brz,
.018
.670
X
X
62056-71,2,4
0.81
Tin Plated
0.46
17.02
.032
Brass,
.018
.670
X
X
62056-32,3
0.81
Tin Plated
0.46
17.02
.032
Brass,
.018
.670
X
X
62056-44
0.81
Tin Plated
0.46
17.02
.032
—Brass
.016
.670
X
X
62011-15
12-10 or
A
0.81
0.41
17.02
(2) 14
.032
Brass,
.016
.670
X
X
62011-25
0.81
Pre-Tin Plated
0.41
17.02
.032
Pho. Brz,
.018
.670
X
X
62057-11,3
0.81
Silver Plated
0.46
17.02
.032
Brass,
.018
.670
X
X
62057-33
0.81
Tin Plated
0.46
17.02
.032
Brass,
.018
.670
X
X
62057-44
12-10
B
0.81
Tin Plated
0.46
17.02
.032
Pho. Brz,
.018
.670
X
X
62057-74
0.81
Silver Plated
0.46
17.02
.032
Pho. Brz,
.018
.670
X
X
62022-15
0.81
Silver Plated
0.46
17.02
.032
Brass,
.018
.670
X
X
62022-25
0.81
Tin Plated
0.46
17.02
1
For internal or external use.
4
Left handed flag.
2
Reverse reel.
5
Right or left handed. Carrier out front for through splicing.
3
Right handed flag.
R
R
R
B — Premier Line
for Hermetic Tabs
A — Economy Line
.300
[7.62]
.305
[7.75]
.318
[8.08]
.305
[7.75]
Note: All part numbers are RoHS compliant.


Similar Part No. - 60641-1

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
6064 MICRONETICS-6064 Datasheet
37Kb / 1P
   SINGLE POLE, FIVE THROW COMMERCIAL CONNECTORIZED PLUG-IN SWITCHES
logo
Belden Inc.
6064 BELDEN-6064 Datasheet
140Kb / 2P
   Teck90 600V, 50G C #1414 Str BC, XLPE Ins M4, PVC Jkt, AIA Armor, Blk PVC Jkt, CSA HL SUN RES -40C
12-22-2023
logo
SICK AG
6064004 SICK-6064004 Datasheet
236Kb / 3P
   Plug connector cable
logo
TE Connectivity Ltd
60645-1 TEC-60645-1 Datasheet
52Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Alpha Wire
6064C ALPHAWIRE-6064C Datasheet
76Kb / 2P
   Component 1 4 X 1 PAIR
More results

Similar Description - 60641-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
41802 ETC2-41802 Datasheet
944Kb / 22P
   FASTON Receptacles
0-0928814-1 ETC2-0-0928814-1 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
logo
Tyco Electronics
1217754-1 MACOM-1217754-1 Datasheet
535Kb / 9P
   FASTON Printed Circuit Board Tabs and Receptacles
logo
TE Connectivity Ltd
3-520106-2 TEC-3-520106-2 Datasheet
521Kb / 15P
   Ultra-Fast Fully Insulated FASTON Receptacles and Tabs
Revised 3-11
logo
Tyco Electronics
1742882-1 MACOM-1742882-1 Datasheet
50Kb / 1P
   RECEPTACLE, FASTON
928930-2 MACOM-928930-2 Datasheet
26Kb / 1P
   TAB 2.8X0.8mm FASTIN-FASTON Flaachsteker 2.8X0.8mm Fastin-Faston
1-480417-0 MACOM-1-480417-0 Datasheet
43Kb / 1P
   HOUSING, RECEPTACLE,FASTON
726386 MACOM-726386 Datasheet
50Kb / 1P
   FASTON TAB 6.3X0.8
1742881-1 MACOM-1742881-1 Datasheet
49Kb / 1P
   RECEPTACLE, FASTON, FLAG
60252-1 MACOM-60252-1 Datasheet
48Kb / 1P
   RECEPTACLE, FASTON, SPECIAL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com