Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN5329QI Datasheet(PDF) 5 Page - Altera Corporation

Part # EN5329QI
Description  2A PowerSoC Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EN5329QI Datasheet(HTML) 5 Page - Altera Corporation

  EN5329QI Datasheet HTML 1Page - Altera Corporation EN5329QI Datasheet HTML 2Page - Altera Corporation EN5329QI Datasheet HTML 3Page - Altera Corporation EN5329QI Datasheet HTML 4Page - Altera Corporation EN5329QI Datasheet HTML 5Page - Altera Corporation EN5329QI Datasheet HTML 6Page - Altera Corporation EN5329QI Datasheet HTML 7Page - Altera Corporation EN5329QI Datasheet HTML 8Page - Altera Corporation EN5329QI Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
EN5329QI
Electrical Characteristics
NOTE: VIN = 5V, Minimum and Maximum values are over operating ambient temperature range unless otherwise noted.
Typical values are at TA = 25°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Operating Input Voltage
VIN
2.4
5.5
V
Feedback Node Initial
Accuracy
VVFB
TA = 25°C; VIN = 5V
ILOAD = 100 mA
0.588
0.600
0.612
V
Output Variation (Note 3)
(Line, Load, Temperature)
VOUT
2.4V
≤ V
IN ≤ 5.5V
0
≤ I
LOAD
≤ 2A
-3
+3
%
VFB, ENABLE, TST0/1/2
Pin Input Current (Note 4)
+/-40
nA
Shutdown Current
ENABLE Low
20
µA
Under Voltage Lock-out –
VIN Rising
VUVLOR
Voltage Above Which UVLO is
Not Asserted
2.2
V
Under Voltage Lock-out –
tVIN Falling
VUVLOF
Voltage Below Which UVLO is
Asserted
2.1
V
Soft-start Time
Time from Enable High (Note 4)
0.91
1.40
1.89
ms
Dropout Resistance
150
300
m
ENABLE Voltage
Threshold
Logic Low
Logic High
0.0
1.4
0.4
VIN
V
POK Threshold
VOUT Rising
92
%
POK Threshold
VOUT Falling
90
%
POK Low Voltage
ISINK = 1 mA
0.15
0.4
V
POK Pin VOH Leakage
Current
POK High
0.5
2
µA
Current Limit Threshold
2.4V
≤ V
IN ≤ 5.5V
3.5
5
A
Operating Frequency
FOSC
3.2
MHz
Output Ripple Voltage
VRIPPLE
COUT = 2 x 22 µF 0603 X5R
MLCC, VOUT = 3.3 V, ILOAD = 2A
5
mVP-P
COUT = 2 x 22 µF 0603 X5R
MLCC, VOUT = 1.8 V, ILOAD = 2A
5
mVP-P
Note 3: Output voltage variation is based on using 0.1% accuracy resistor values.
Note 4: Parameter not production tested but is guaranteed by design.
5
www.altera.com/enpirion
08326
December 3, 2013
Rev B


Similar Part No. - EN5329QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5322QI ALTERA-EN5322QI Datasheet
899Kb / 17P
   2A PowerSoC Synchronous Buck DC-DC Converter with Integrated Inductor
More results

Similar Description - EN5329QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5322QI ALTERA-EN5322QI Datasheet
899Kb / 17P
   2A PowerSoC Synchronous Buck DC-DC Converter with Integrated Inductor
EN5319QI ALTERA-EN5319QI Datasheet
856Kb / 20P
   1.5A PowerSoC Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
EN5396QI ALTERA-EN5396QI Datasheet
1Mb / 19P
   9A PowerSoC Synchronous DC-DC Buck Converter with Integrated Inductor
EN5364QI ALTERA-EN5364QI Datasheet
1,012Kb / 19P
   6A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
EN5337QI ALTERA-EN5337QI Datasheet
846Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5394QI ALTERA-EN5394QI Datasheet
1Mb / 19P
   9A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
logo
Enpirion, Inc.
EN5339QI ENPIRION-EN5339QI Datasheet
1Mb / 19P
   3A Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN5395QI ALTERA-EN5395QI Datasheet
1Mb / 18P
   9A PowerSoC Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
logo
Diodes Incorporated
AP3502E DIODES-AP3502E Datasheet
523Kb / 11P
   2A SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Altera Corporation
EN5335QI ALTERA-EN5335QI Datasheet
951Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com