Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN5319QI Datasheet(PDF) 9 Page - Altera Corporation

Part # EN5319QI
Description  1.5A PowerSoC Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EN5319QI Datasheet(HTML) 9 Page - Altera Corporation

Back Button EN5319QI Datasheet HTML 5Page - Altera Corporation EN5319QI Datasheet HTML 6Page - Altera Corporation EN5319QI Datasheet HTML 7Page - Altera Corporation EN5319QI Datasheet HTML 8Page - Altera Corporation EN5319QI Datasheet HTML 9Page - Altera Corporation EN5319QI Datasheet HTML 10Page - Altera Corporation EN5319QI Datasheet HTML 11Page - Altera Corporation EN5319QI Datasheet HTML 12Page - Altera Corporation EN5319QI Datasheet HTML 13Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
EN5319QI
Typical Performance Characteristics (Continued)
Output Ripple at 20MHz
CONDITIONS
VIN = 3.3V
VOUT = 1.8V
IOUT = 1.5A
CIN = 1x 10µF (0805)
COUT = 2 x 22µF (0603)
VOUT
(AC Coupled)
Output Ripple at 20MHz
CONDITIONS
VIN = 5V
VOUT = 3.3V
IOUT = 1.5A
CIN = 1x 10µF (0805)
COUT = 2 x 22µF (0603)
VOUT
(AC Coupled)
Output Ripple at 500MHz
CONDITIONS
VIN = 3.3V
VOUT = 1.8V
IOUT = 1.5A
CIN = 1x 10µF (0805)
COUT = 2 x 22µF (0603)
VOUT
(AC Coupled)
Output Ripple at 500MHz
VOUT
(AC Coupled)
CONDITIONS
VIN = 5V
VOUT = 3.3V
IOUT = 1.5A
CIN = 1x 10µF (0805)
COUT = 2 x 22µF (0603)
VOUT
Startup Waveforms at 0A
VIN = 5V, VOUT = 1.8V
CIN = 1 X 10µF (0805), COUT = 2 x 22µF (0603
), IOUT = 0A
LOAD
ENABLE
POK
VOUT
Startup Waveforms at 1.5A
VIN = 5V, VOUT = 1.8V
CIN = 1 X 10µF (0805), COUT = 2 x 22µF (0603
), IOUT = 1.5A
LOAD
ENABLE
POK
9
www.altera.com/enpirion
08325
December 3, 2013
Rev B


Similar Part No. - EN5319QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5310 ENPIRION-EN5310 Datasheet
308Kb / 10P
   1A Voltage Mode Synchronous Buck PWM DC-DC Converter
EN5310DC ENPIRION-EN5310DC Datasheet
308Kb / 10P
   1A Voltage Mode Synchronous Buck PWM DC-DC Converter
EN5310DC-E ENPIRION-EN5310DC-E Datasheet
308Kb / 10P
   1A Voltage Mode Synchronous Buck PWM DC-DC Converter
EN5310DC-T ENPIRION-EN5310DC-T Datasheet
308Kb / 10P
   1A Voltage Mode Synchronous Buck PWM DC-DC Converter
EN5310DI ENPIRION-EN5310DI Datasheet
308Kb / 10P
   1A Voltage Mode Synchronous Buck PWM DC-DC Converter
More results

Similar Description - EN5319QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN5329QI ALTERA-EN5329QI Datasheet
854Kb / 20P
   2A PowerSoC Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
EN5396QI ALTERA-EN5396QI Datasheet
1Mb / 19P
   9A PowerSoC Synchronous DC-DC Buck Converter with Integrated Inductor
EN5322QI ALTERA-EN5322QI Datasheet
899Kb / 17P
   2A PowerSoC Synchronous Buck DC-DC Converter with Integrated Inductor
EN5364QI ALTERA-EN5364QI Datasheet
1,012Kb / 19P
   6A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
EN5337QI ALTERA-EN5337QI Datasheet
846Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor
EN5394QI ALTERA-EN5394QI Datasheet
1Mb / 19P
   9A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter With Integrated Inductor
logo
Enpirion, Inc.
EN5339QI ENPIRION-EN5339QI Datasheet
1Mb / 19P
   3A Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN5395QI ALTERA-EN5395QI Datasheet
1Mb / 18P
   9A PowerSoC Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin VID Output Voltage Select
EN5335QI ALTERA-EN5335QI Datasheet
951Kb / 15P
   3A PowerSoC Voltage Mode Synchronous Buck PWM DC-DC Converter with Integrated Inductor 3-Pin Programmable Output
EP5357XUI ALTERA-EP5357XUI Datasheet
879Kb / 19P
   600mA PowerSoC Synchronous Buck Regulator With Integrated Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com