Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBT14050 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBT14050
Description  140MHz SAW Filter 9MHz Bandwidth
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBT14050 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBT14050 Datasheet HTML 1Page - SIPAT Co,Ltd LBT14050 Datasheet HTML 2Page - SIPAT Co,Ltd LBT14050 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBT14050
Rev. Date
2006-4-5
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 3/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
140MHz SAW Filter
9MHz Bandwidth
Part Number:LBT14050
Typical Performance
Frequency Respond
Passband Respond
120
125
130
135
140
145
150
155
160
-117.2082
-107.2082
-97.2082
-87.2082
-77.2082
-67.2082
-57.2082
-47.2082
-37.2082
-27.2082
135
136
137
138
139
140
141
142
143
144
145
-32
-31
-30
-29
-28
-27
-26
-25
-24
-23
Group Delay Variation(f0±4.5MHz)
Phase Linearity(f0±4.5MHz)
Smith Chart S11
Smith Chart S22


Similar Part No. - LBT14050

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT14050 SIPAT-LBT14050 Datasheet
280Kb / 3P
   140MHz SAW Filter 9MHz Bandwidth
More results

Similar Description - LBT14050

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN14018 SIPAT-LBN14018 Datasheet
195Kb / 3P
   140MHz SAW Filter 9MHz Bandwidth
LBT14050 SIPAT-LBT14050 Datasheet
280Kb / 3P
   140MHz SAW Filter 9MHz Bandwidth
LBN140A34 SIPAT-LBN140A34 Datasheet
194Kb / 3P
   140MHz SAW Filter 9MHz Bandwidth
LBN14018 SIPAT-LBN14018 Datasheet
189Kb / 3P
   140MHz SAW Filter 9MHz Bandwidth
LB140DS47 SIPAT-LB140DS47 Datasheet
152Kb / 3P
   140MHz SAW Filter 9MHz Bandwidth
LBN140A46 SIPAT-LBN140A46 Datasheet
193Kb / 3P
   140MHz SAW Filter 9MHz Bandwidth
LBT24002 SIPAT-LBT24002 Datasheet
141Kb / 3P
   240MHz SAW Filter 9MHz Bandwidth
LBT45603 SIPAT-LBT45603 Datasheet
190Kb / 3P
   455.9MHz SAW Filter 9MHz Bandwidth
LBT20004 SIPAT-LBT20004 Datasheet
146Kb / 3P
   200MHz SAW Filter 9MHz Bandwidth
LBN11566 SIPAT-LBN11566 Datasheet
193Kb / 3P
   115MHz SAW Filter 9MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com