Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB990 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPB990
Description  Choice of logic and output driver circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB990 Datasheet(HTML) 1 Page - OPTEK Technologies

  OPB990 Datasheet HTML 1Page - OPTEK Technologies OPB990 Datasheet HTML 2Page - OPTEK Technologies OPB990 Datasheet HTML 3Page - OPTEK Technologies OPB990 Datasheet HTML 4Page - OPTEK Technologies OPB990 Datasheet HTML 5Page - OPTEK Technologies OPB990 Datasheet HTML 6Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
OPTEK Technology Inc. —
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue C.1 1/10
Page 1 of 6
Photologic
® Slotted Optical Switch
OPB960, OPB970, OPB980, OPB990 Series
OPTEK reserves the right to make any changes at any time in order to improve design and to supply the best product possible.
Features:
Choice of logic and output driver circuits
Choice of aperture size, covered or open
Wire or PCB leads
Choice of mounting features
Direct TTL, LSTTL, CMOS Interface
Description:
The OPB960/ 970/ 980/ 990 series of non-contact Photologic® slotted optical switches provides flexibility in meeting application
specific requirements for the design engineer.
Building from a standard housing with a 0.125” (3.18mm) wide slot, the user can specify output logic state, output driver circuit,
aperture width, aperture surface and mounting tab locations. Furthermore, an option of wire or PCB leads allows electrical
interface flexibility.
The device body is an opaque plastic which minimizes sensitivity to both visible and near-infrared external light sources which
may impact operation. Aperture width choices provide different optical resolution for motion sensing. A covered aperture
provides dust protection, while an open aperture provides maximum protection against external light sources.
Electrical operation is over a wide supply voltage range. LED emissions are near-infrared (850—940nm).
Detector digital output logic choices of buffer or inverter with totem-pole or open-collector driver circuit simplify interface for
various electrical requirements.
Custom electrical, wire and cabling services are available.
Contact your local representative or OPTEK for more information. Compliant to EU RoHS Directive 2002/95/EC .
RoHS
OPTEK Assembly
Photologic
®
Sensor Family
Slot Aperture Surface and Lead Options:
6 —
Covered (apertures not visible), PCB leads
7 —
Open (apertures visible), PCB leads
8 —
Covered (apertures not visible), Wires
9 —
Open (apertures visible), Wires
Logic and Output Driver Types:
0 —
Buffer Totem-Pole
1 —
Buffer Open-Collector
2 —
Inverter Totem-Pole
3 —
Inverter Open-Collector
Z =
Wires only, None for PCB leads
Aperture Width Guide Options:
55, 51, 11 ( See Aperture Width Guide )
Mounting Tab Location:
L —
Emitter
N —
None
P —
Sensor
T —
Both (two mounting tabs)
Part Number Guide
OPB 9XX X XX X
Logic Type
Input
LED
Output
Logic State
Buffer
OFF
LOW = 0
Inverter
OFF
HIGH = 1
Applications:
Speed and direction indication
Rotary encoders
Mechanical switch replacement
Mechanical limit indication
Printers - Top of form, End of travel, Home position.
Sliding Door Automotive and Lift gate applications
For more information see Application notes 201, 213


Similar Part No. - OPB990

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB990 OPTEK-OPB990 Datasheet
399Kb / 6P
   Photologic TM Slotted Optical Switches
OPB990 OPTEK-OPB990 Datasheet
186Kb / 6P
   Choice of logic and output driver circuits
logo
List of Unclassifed Man...
OPB990 ETC-OPB990 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB990 ETC-OPB990 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch
OPB990 ETC2-OPB990 Datasheet
186Kb / 6P
   Photologic짰 Slotted Optical Switch OPB960, OPB970, OPB980, OPB990 Series
More results

Similar Description - OPB990

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB981T51 OPTEK-OPB981T51 Datasheet
186Kb / 6P
   Choice of logic and output driver circuits
logo
NEC
2SD1513 NEC-2SD1513 Datasheet
149Kb / 2P
   Driver and output stages of audio frequency amplifiers
logo
Honeywell Solid State E...
HOA0708-011 HONEYWELL-HOA0708-011 Datasheet
437Kb / 1P
   Choice of phototransistor or photodarlington
logo
Vishay Siliconix
TLHG420 VISHAY-TLHG420 Datasheet
210Kb / 11P
   Choice of five bright colors
Rev. 2.1, 09-Jan-17
logo
Everlight Electronics C...
EALP02RRAGA0 EVERLIGHT-EALP02RRAGA0 Datasheet
227Kb / 8P
   Choice of various viewing angles
EALP03RDAYA0 EVERLIGHT-EALP03RDAYA0 Datasheet
593Kb / 8P
   Choice of various viewing angles
EALP03RDAYA2 EVERLIGHT-EALP03RDAYA2 Datasheet
289Kb / 8P
   Choice of various viewing angles
EALP03RDAYA4 EVERLIGHT-EALP03RDAYA4 Datasheet
362Kb / 8P
   Choice of various viewing angles
EALP03RDCRA2 EVERLIGHT-EALP03RDCRA2 Datasheet
1Mb / 8P
   Choice of various viewing angles
EALP03RDCRA3 EVERLIGHT-EALP03RDCRA3 Datasheet
1Mb / 8P
   Choice of various viewing angles
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com