Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DT410EL Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DT410EL
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DT410EL Datasheet(HTML) 4 Page - Diodes Incorporated

  DT410EL Datasheet HTML 1Page - Diodes Incorporated DT410EL Datasheet HTML 2Page - Diodes Incorporated DT410EL Datasheet HTML 3Page - Diodes Incorporated DT410EL Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
D
S11601 Rev.C-4
4 of 4
DT410EL
0.1
1
10
20
0.1
1
10
100
V , DRAIN-SOURCE VOLTAGE (V)
Fig. 5, Maximum Safe Operating Area
DS
V = 10V
GS
SINGLE PULSE
R
= 42 C
QJA
T = 25 C
A
0.001
0.01
0.1
1.0
0.0001
0.001
0.01
0.1
1.0
10
100
t , SQUARE WAVE PULSE DURATION (seconds)
Fig. 6, Typical Normalized Transient Thermal Impedance Curves
1
1000
3000
Single Pulse
0.01
0.05
0.1
0.2
0.02
D = 0.5
t1
t2
P(pk)
T - T = P b R
(t)
Duty Cycle,D=t /t
J
A
PK
QJA
12
R
(t) = r(t) b R
R
= See Note 1c
QJA
QJA
QJA
Remark: Thermal characterization performed under conditions
described in note 1c. Transient thermal response will change
depending on the circuit board design.


Similar Part No. - DT410EL

ManufacturerPart #DatasheetDescription
logo
NEC
DT400 NEC-DT400 Datasheet
1Mb / 2P
   Digital Desk phones
logo
Kingston Technology Far...
DT4000G2DM KINGSTON-DT4000G2DM Datasheet
230Kb / 2P
   Protect sensitive data with 256-bit AES encryption
DT4000G2DM/128GB KINGSTON-DT4000G2DM/128GB Datasheet
230Kb / 2P
   Protect sensitive data with 256-bit AES encryption
DT4000G2DM/16GB KINGSTON-DT4000G2DM/16GB Datasheet
230Kb / 2P
   Protect sensitive data with 256-bit AES encryption
DT4000G2DM/32GB KINGSTON-DT4000G2DM/32GB Datasheet
230Kb / 2P
   Protect sensitive data with 256-bit AES encryption
More results

Similar Description - DT410EL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
BSH121 PHILIPS-BSH121 Datasheet
297Kb / 13P
   N-channel enhancement mode field-effect transistor
Rev. 01-14 August 2000
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com