Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXSK40N60BD1 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXSK40N60BD1
Description  IGBT with Diode PLUS247TM package Short Circuit SOA Capability
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSK40N60BD1 Datasheet(HTML) 2 Page - IXYS Corporation

  IXSK40N60BD1 Datasheet HTML 1Page - IXYS Corporation IXSK40N60BD1 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 - 2
© 2000 IXYS All rights reserved
IXSK 40N60BD1
IXSX 40N60BD1
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= I
C90; VCE = 10 V,
16
23
S
Pulse test, t
£ 300 ms, duty cycle £ 2 %
C
iss
3700
pF
C
oss
V
GS = 0 V, VDS = 25 V, f = 1 MHz
440
pF
C
rss
60
pF
Q
g
190
nC
Q
ge
I
C = IC90, VGE = 15 V, VCE = 0.5 VCES
45
nC
Q
gc
88
nC
t
d(on)
50
ns
t
ri
50
ns
t
d(off)
110
200
ns
t
fi
120
200
ns
E
off
1.8
2.6
mJ
t
d(on)
50
ns
t
ri
50
ns
E
on
2.2
mJ
t
d(off)
190
ns
t
fi
180
ns
E
off
2.6
mJ
R
thJC
0.48 K/W
R
thCK
0.15
K/W
Reverse Diode (FRED)
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
V
F
I
F = IC90, VGE = 0 V,
1.8
V
Pulse test, t
£ 300 ms, duty cycle d £ 2 %
I
RM
I
F = IC90, VGE = 0 V, -diF/dt = 100 A/ms
2
2.5
A
t
rr
V
R = 100 V
I
F = 1 A; -di/dt = 200 A/ms; VR = 30 V
35
ns
R
thJC
0.75 K/W
Inductive load, T
J = 25°C
I
C = IC90, VGE = 15 V, L = 100 mH,
V
CE = 0.8 VCES, RG = 2.7 W
Remarks: Switching times may increase
for V
CE (Clamp) > 0.8 • VCES, higher TJ or
increased R
G
Inductive load, T
J = 125°C
I
C = IC90, VGE = 15 V, L = 100 mH
V
CE = 0.8 VCES, RG = 2.7 W
Remarks: Switching times may increase
for V
CE (Clamp) > 0.8 • VCES, higher TJ or
increased R
G
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.82
5.13
.190
.202
A1
2.54
2.89
.100
.114
A2
2.00
2.10
.079
.083
b
1.12
1.42
.044
.056
b1
2.39
2.69
.094
.106
b2
2.90
3.09
.114
.122
c
0.53
0.83
.021
.033
D
25.91
26.16
1.020
1.030
E
19.81
19.96
.780
.786
e
5.46 BSC
.215 BSC
J
0.00
0.25
.000
.010
K
0.00
0.25
.000
.010
L
20.32
20.83
.800
.820
L1
2.29
2.59
.090
.102
P
3.17
3.66
.125
.144
Q
6.07
6.27
.239
.247
Q1
8.38
8.69
.330
.342
R
3.81
4.32
.150
.170
R1
1.78
2.29
.070
.090
S
6.04
6.30
.238
.248
T
1.57
1.83
.062
.072
Dim.
TO-264 AA Outline
PLUS247TM (IXSX)
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.83
5.21
.190 .205
A
1
2.29
2.54
.090 .100
A
2
1.91
2.16
.075 .085
b
1.14
1.40
.045 .055
b
1
1.91
2.13
.075 .084
b
2
2.92
3.12
.115 .123
C
0.61
0.80
.024 .031
D
20.80
21.34
.819 .840
E
15.75
16.13
.620 .635
e
5.45 BSC
.215 BSC
L
19.81
20.32
.780 .800
L1
3.81
4.32
.150 .170
Q
5.59
6.20
.220 .244
R
4.32
4.83
.170 .190
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025


Similar Part No. - IXSK40N60BD1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSK40N60CD1 IXYS-IXSK40N60CD1 Datasheet
46Kb / 2P
   IGBT with Diode
More results

Similar Description - IXSK40N60BD1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSN80N60BD1 IXYS-IXSN80N60BD1 Datasheet
594Kb / 6P
   IGBT with Diode Short Circuit SOA Capability
IXSN62N60U1 IXYS-IXSN62N60U1 Datasheet
68Kb / 2P
   IGBT with Diode - Short Circuit SOA Capability
IXSN80N60AU1 IXYS-IXSN80N60AU1 Datasheet
96Kb / 4P
   IGBT with Diode - Short Circuit SOA Capability
IXSN35N100U1 IXYS-IXSN35N100U1 Datasheet
80Kb / 6P
   IGBT with Diode - High Short Circuit SOA Capability
IXSN55N120AU1 IXYS-IXSN55N120AU1 Datasheet
70Kb / 2P
   High Voltage IGBT with Diode - Short Circuit SOA Capability
IXDN50N120AU1 IXYS-IXDN50N120AU1 Datasheet
141Kb / 2P
   High Voltage IGBT with Diode(Short Circuit SOA Capability)
IXSX50N60AU1 IXYS-IXSX50N60AU1 Datasheet
138Kb / 5P
   IGBT with Diode Combi Pack - Short Circuit SOA Capability
IXSH10N60B2D1 IXYS-IXSH10N60B2D1 Datasheet
517Kb / 6P
   High Speed IGBT with Diode Short Circuit SOA Capability
IXSN52N60AU1 IXYS-IXSN52N60AU1 Datasheet
148Kb / 5P
   IGBT with Diode Combi Pack - Short Circuit SOA Capability
logo
Powersem GmbH
PSHI50D12 POWERSEM-PSHI50D12 Datasheet
132Kb / 4P
   IGBT Module Short Circuit SOA Capability
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com