Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6292BCR Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6292BCR
Description  Complete Charger for Single-Cell Li-ion Batteries
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6292BCR Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6292BCR Datasheet HTML 3Page - Intersil Corporation ISL6292BCR Datasheet HTML 4Page - Intersil Corporation ISL6292BCR Datasheet HTML 5Page - Intersil Corporation ISL6292BCR Datasheet HTML 6Page - Intersil Corporation ISL6292BCR Datasheet HTML 7Page - Intersil Corporation ISL6292BCR Datasheet HTML 8Page - Intersil Corporation ISL6292BCR Datasheet HTML 9Page - Intersil Corporation ISL6292BCR Datasheet HTML 10Page - Intersil Corporation ISL6292BCR Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
FN9139 .1
April 19, 2005
Theory of Operation
The ISL6292B is based on the Intersil Patent-pending
dual-mode charging technology. The dual-mode technology
generates very low heat, which enables the charger to be
used in space-limited applications.
To take advantage of the low-heat feature, a current-limited
ac/dc converter is required as the power supply to the
charger. The current-limited supply has the I-V
characteristics shown in Figure 1. The supply is a dc source
before the load current reaches the limited current ILIM.
Once the current limit is reached, the supply current cannot
increase further; instead, the supply voltage falls. The
current-limited supply is equivalent to a voltage source with
an equivalent output impedance or a current source,
depending on the region it operates at, as shown in Figure 1.
The ISL6292B charges a battery with the traditional constant
current/constant voltage (CC/CV) profile. The constant
current is determined by the current limit ILIM of the supply
during the constant-current charge mode. To ensure dual-
mode operation, the current protection level set by the IREF
pin should be higher than ILIM. In the constant-voltage
charge mode, the battery voltage is regulated at 4.2V. When
the battery voltage is below the VMIN given in the Electrical
Specification, the charger preconditions the battery using
trickle charge mode. The trickle-charge current is 10% of the
protection current level programmed by the IREF pin.
Figure 2 shows the typical waveforms in a charge cycle of
the dual mode operation. When the battery is below VMIN,
the charge current is 10% of IREF set by the IREF pin. Since
the charge current is much less than the ILIM, the ac/dc
converter operates in the voltage source region. Once the
battery voltage exceeds VMIN, the charger starts to fully turn
on the internal P-channel power MOSFET. The ac/dc
converter operates in the current-limited region and its
voltage is pulled down to a level slightly higher than the
battery voltage. As shown in Figure 2, the charge current is
ILIM and is lower than IREF. As the battery voltage reaches
the 4.2V VCH, the charge current starts to decrease. The
ac/dc supply moves out of the current-limit region and
becomes a voltage source again. When the charge current
reaches a programmable end-of-charge (EOC) level set by
the IMIN pin, the charger sends out an EOC indication. The
real termination of the charger happens at the end of a total
charge time set by the TIME pin.
The power dissipation is also shown in Figure 2. The power
dissipation in both the trickle mode and the constant-current
(CC) mode are very low. The possible peak power occurs at
the transition from the CC mode to the constant-voltage (CV)
mode. This peak power is much lower than the peak power
normally seen in a linear charger and can be further reduced
by properly designing the ac/dc converter. One simple
approach is to design the ac/dc converter output voltage just
high enough to fully charge the battery (normally lower than
5V). More information can be found in the ISL6292
datasheet available at http://www.intersil.com. To ensure the
thermal safety, the ISL6292B has an internal thermal fold-
back function that automatically reduces the charge current
if the internal temperature typically rises above 100°C.
The ISL6292B offers many other features. The trickle
current, the CC charge current, and the end-of-charge
(EOC) current are all programmable. A thermal foldback
function monitors the internal temperature and reduces the
charge current when the internal temperature rises above
100°C to prevent further temperature rise. A safety timer
sets the charge time limit for both trickle mode and fast mode
charge. When the battery voltage drops after the charge
cycle terminates, the charger automatically starts recharging
the battery to full. Two indication pins are designed to drive a
tri-color LED (a red and a green LED in the same package).
A simple thermistor circuit interface allows the user to set a
different level of ambient temperature before and after the
charger starts. All these features are described in detail in
the Application Information section.
FIGURE 1. THE I-V CHARACTERISTICS OF THE CURRENT-
LIMITED AC/DC CONVERTER.
V
NL
V
FL
I
LIM
r
O
V
NL
I
LIM
r
O =
(V
NL - VFL )/ILIM
A
B
C
FIGURE 2. TYPICAL CHARGE CURVES USING A CURRENT-
LIMITED ADAPTER.
V
CH
V
MIN
V
IN
I
REF
I
REF/10
P
1
P
2
I
LIM
Trickle
Mode
Constant
Current Mode
Constant
Voltage Mode
Inhibit
TIMEOUT
Input Voltage
Battery Voltage
Charge Current
Power Dissipation
ISL6292B


Similar Part No. - ISL6292BCR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6292BCR RENESAS-ISL6292BCR Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
logo
Intersil Corporation
ISL6292BCR-T INTERSIL-ISL6292BCR-T Datasheet
287Kb / 12P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292BCRZ RENESAS-ISL6292BCRZ Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
ISL6292BCRZ RENESAS-ISL6292BCRZ Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
logo
Intersil Corporation
ISL6292BCRZ-T INTERSIL-ISL6292BCRZ-T Datasheet
287Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results

Similar Description - ISL6292BCR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI1-BQ294602_17 Datasheet
932Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
logo
Freescale Semiconductor...
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Freescale Semiconductor...
MC34673 FREESCALE-MC34673 Datasheet
619Kb / 22P
   High Input Voltage 1.2A Charger for Single-cell Li-Ion Batteries
MC34671AEPR2 FREESCALE-MC34671AEPR2 Datasheet
602Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
MC34671 FREESCALE-MC34671 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com