Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS62C1024AL Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # IS62C1024AL
Description  128K x 8 LOW POWER CMOS STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IS62C1024AL Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button IS62C1024AL Datasheet HTML 3Page - List of Unclassifed Manufacturers IS62C1024AL Datasheet HTML 4Page - List of Unclassifed Manufacturers IS62C1024AL Datasheet HTML 5Page - List of Unclassifed Manufacturers IS62C1024AL Datasheet HTML 6Page - List of Unclassifed Manufacturers IS62C1024AL Datasheet HTML 7Page - List of Unclassifed Manufacturers IS62C1024AL Datasheet HTML 8Page - List of Unclassifed Manufacturers IS62C1024AL Datasheet HTML 9Page - List of Unclassifed Manufacturers IS62C1024AL Datasheet HTML 10Page - List of Unclassifed Manufacturers IS62C1024AL Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. H
06/26/08
IS62C1024AL
IS65C1024AL
DATA RETENTION SWITCHING CHARACTERISTICS
Symbol Parameter
Test Condition
Min.
Typ.
Max. Unit
VDr
VDDforDataRetention
SeeDataRetentionWaveform
2.0
5.5
V
IDr
DataRetentionCurrent
VDD=2.0V,CE1
≥VDD–0.2V
Com.
5
µA
orCE2
≤ 0.2V
Ind.
10
VIn
≥ VDD – 0.2V,orVIn ≤ Vss + 0.2V
Auto.
45
tsDr
DataRetentionSetupTime SeeDataRetentionWaveform
0
ns
trDr
RecoveryTime
SeeDataRetentionWaveform
trc
ns
Note:
1.TypicalValuesaremeasuredatVDD=5V,Ta =25oCandnot100%tested.
DATA RETENTION WAVEFORM (CE1 Controlled)
DATA RETENTION WAVEFORM (CE2 Controlled)
VDD
CE1
≥ VDD - 0.2V
tSDR
tRDR
VDR
CE1
GND
4.5V
2.2V
Data Retention Mode
VDD
CE2
≤ 0.2V
tSDR
tRDR
VDR
0.4V
CE2
GND
4.5V
2.2V
Data Retention Mode


Similar Part No. - IS62C1024AL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62C1024AL ISSI-IS62C1024AL Datasheet
75Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024AL-35Q ISSI-IS62C1024AL-35Q Datasheet
75Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024AL-35QI ISSI-IS62C1024AL-35QI Datasheet
75Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024AL-35QLI ISSI-IS62C1024AL-35QLI Datasheet
75Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024AL-35T ISSI-IS62C1024AL-35T Datasheet
75Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
More results

Similar Description - IS62C1024AL

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T15M1024A TMT-T15M1024A Datasheet
85Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
T15M1024A TMT-T15M1024A_04 Datasheet
87Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1024L PYRAMID-P4C1024L Datasheet
281Kb / 11P
   LOW POWER 128K x 8 CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC62C1024L ICSI-IC62C1024L Datasheet
123Kb / 8P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
62C1024L ISSI-62C1024L Datasheet
65Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
IS62C1024AL ISSI-IS62C1024AL Datasheet
75Kb / 11P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Integrated Circuit Solu...
IS62C1024LL ICSI-IS62C1024LL Datasheet
122Kb / 8P
   128K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15N1024A TMT-T15N1024A Datasheet
91Kb / 13P
   128K X 8 LOW POWER CMOS STATIC RAM
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P3C1024L PYRAMID-P3C1024L Datasheet
114Kb / 10P
   ULTRA LOW POWER 128K x 8 CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com