Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL4217 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # IL4217
Description  Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IL4217 Datasheet(HTML) 2 Page - Vishay Siliconix

  IL4217 Datasheet HTML 1Page - Vishay Siliconix IL4217 Datasheet HTML 2Page - Vishay Siliconix IL4217 Datasheet HTML 3Page - Vishay Siliconix IL4217 Datasheet HTML 4Page - Vishay Siliconix IL4217 Datasheet HTML 5Page - Vishay Siliconix IL4217 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions, contact: optocoupleranswers@vishay.com
Document Number: 83630
2
Rev. 1.6, 20-Oct-10
IL4216, IL4217, IL4218
Vishay Semiconductors
Optocoupler, Phototriac Output,
High dV/dt, Low Input Current
Notes
(1) Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
(2) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP).
ABSOLUTE MAXIMUM RATINGS (1) (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
Forward current
IF
60
mA
Surge current
IFSM
2.5
A
Power dissipation
Pdiss
100
mW
Derate linearly from 25 °C
1.33
mW/°C
Thermal resistance
Rth
750
°C/W
OUTPUT
Peak off-state voltage
IL4216
VDRM
600
V
IL4217
VDRM
700
V
IL4218
VDRM
800
V
RMS on-state current
IDRM
300
mA
Single cycle surge
ITSM
3A
Power dissipation
Pdiss
300
mW
Derate linearly from 25 °C
6.6
mW/°C
Thermal resistance
Rth
150
°C/W
COUPLER
Creepage distance
≥ 7mm
Clearance
≥ 7mm
Storage temperature
Tstg
- 55 to + 150
°C
Ambient temperature
Tamb
- 55 to + 100
°C
Isolation test voltage
VISO
5300
VRMS
Isolation resistance
VIO = 500 V, Tamb = 25 °C
RIO
≥ 1012
Ω
VIO = 500 V, Tamb = 100 °C
RIO
≥ 1011
Ω
Lead soldering temperature (2)
5 s
Tsld
260
°C


Similar Part No. - IL4217

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
IL4217 SIEMENS-IL4217 Datasheet
85Kb / 3P
   TRIAC DRIVER OPTOCOUPLER
logo
Vishay Siliconix
IL4217 VISHAY-IL4217 Datasheet
489Kb / 8P
   Optocoupler, Phototriac Output, High dV/dt, Very Low Input Current
Rev. 1.4, 09-Jan-08
IL4217 VISHAY-IL4217 Datasheet
166Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
IL4217-X007 VISHAY-IL4217-X007 Datasheet
489Kb / 8P
   Optocoupler, Phototriac Output, High dV/dt, Very Low Input Current
Rev. 1.4, 09-Jan-08
IL4217-X009 VISHAY-IL4217-X009 Datasheet
489Kb / 8P
   Optocoupler, Phototriac Output, High dV/dt, Very Low Input Current
Rev. 1.4, 09-Jan-08
More results

Similar Description - IL4217

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IL420 VISHAY-IL420_12 Datasheet
169Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 2.0, 29-Mar-11
VO4258H VISHAY-VO4258H Datasheet
129Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.6, 29-Feb-12
IL420 VISHAY-IL420_13 Datasheet
168Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 2.1, 11-Jun-13
VO4257 VISHAY-VO4257 Datasheet
107Kb / 8P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 03-Nov-08
VO4254 VISHAY-VO4254_12 Datasheet
137Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.7, 13-Apr-12
VO4258 VISHAY-VO4258_V01 Datasheet
181Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
VO4254 VISHAY-VO4254 Datasheet
125Kb / 9P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 30-Aug-06
IL420 VISHAY-IL420 Datasheet
271Kb / 7P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
Rev. 1.4, 26-Apr-04
VO4256 VISHAY-VO4256_V01 Datasheet
230Kb / 11P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
IL420 VISHAY-IL420_V01 Datasheet
197Kb / 9P
   Optocoupler, Phototriac Output, High dV/dt, Low Input Current
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com