Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P3GA-11 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # P3GA-11
Description  DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P3GA-11 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button P3GA-11 Datasheet HTML 4Page - Omron Electronics LLC P3GA-11 Datasheet HTML 5Page - Omron Electronics LLC P3GA-11 Datasheet HTML 6Page - Omron Electronics LLC P3GA-11 Datasheet HTML 7Page - Omron Electronics LLC P3GA-11 Datasheet HTML 8Page - Omron Electronics LLC P3GA-11 Datasheet HTML 9Page - Omron Electronics LLC P3GA-11 Datasheet HTML 10Page - Omron Electronics LLC P3GA-11 Datasheet HTML 11Page - Omron Electronics LLC P3GA-11 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
H3CA
8
Back Connecting Socket
79.6
P3GA-11
Terminal Arrangement
(Bottom View)
Terminal Arrangement
(Bottom View)
P3G-08
86.3
10.9
P3G-08
Mounting Holes
Terminal Arrangement
(Bottom View)
PL11
Approx. 20.5
Two, 2 dia. holes
35 max.
M3.5
Mounting Holes
Terminal Arrangement
(Bottom View)
PL08
27 dia.
79.6
Mounting Height of
Timer with Socket
Mounting Height of
Timer with Socket
Mounting Height of
Timer with Socket
Two, 3.5 dia. or 3M socket
mounting holes
Two, 3.5 dia. or 3M socket
mounting holes
Hold-down
clip
Y92H-1
Two, 2 dia.
holes


Similar Part No. - P3GA-11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
P3GA-11 OMRON-P3GA-11 Datasheet
158Kb / 12P
   Digital Timer
P3GA-11 OMRON-P3GA-11 Datasheet
685Kb / 28P
   General-purpose Relays and Power Relays Sockets
P3GA-11 OMRON-P3GA-11 Datasheet
1Mb / 23P
   Separate Amplifier Sensor with Sensitivity Adjustment
P3GA-11 OMRON-P3GA-11 Datasheet
401Kb / 22P
   Solid-state Multi-functional Timer
P3GA-11 OMRON-P3GA-11 Datasheet
15Mb / 66P
   Digital Counter/Tachometer
More results

Similar Description - P3GA-11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3CA-A OMRON-H3CA-A Datasheet
2Mb / 16P
   DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
E5C4 OMRON-E5C4 Datasheet
178Kb / 8P
   DIN-sized (48 x 48 mm) Temperature Controller With Digital Setting
E5C2 OMRON-E5C2 Datasheet
277Kb / 6P
   DIN-sized (48 x 48 mm) Temperature Controller with Analog Setting
Y92S-27 OMRON-Y92S-27 Datasheet
6Mb / 61P
   DIN 48 x 48-mm Multifunctional Timer Series
logo
Schneider Electric
RE48ASETCOV SCHNEIDER-RE48ASETCOV Datasheet
104Kb / 3P
   Harmony, Setting protective cover for timing relay 48 x 48 mm
logo
List of Unclassifed Man...
FKA01X724 ETC2-FKA01X724 Datasheet
169Kb / 3P
   24 x 48 digital counters
logo
Fuji Electric
EDS11-158C FUJI-EDS11-158C Datasheet
248Kb / 12P
   PX series digital temperature controller MICRO-CONTROLLER X (48 횞 48 mm)
logo
NXP Semiconductors
OM6211 PHILIPS-OM6211 Datasheet
243Kb / 48P
   48 X 84 dot matrix LCD driver
2002 Jan 17
logo
Panasonic Semiconductor
LNP105011 PANASONIC-LNP105011 Datasheet
90Kb / 1P
   288 X 96 mm 5 mm 48 X 16 Dots
logo
NXP Semiconductors
PCD8544 PHILIPS-PCD8544 Datasheet
154Kb / 32P
   48 x 84 pixels matrix LCD controller/driver
1999 Apr 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com