Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL11 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # PL11
Description  DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PL11 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button PL11 Datasheet HTML 7Page - Omron Electronics LLC PL11 Datasheet HTML 8Page - Omron Electronics LLC PL11 Datasheet HTML 9Page - Omron Electronics LLC PL11 Datasheet HTML 10Page - Omron Electronics LLC PL11 Datasheet HTML 11Page - Omron Electronics LLC PL11 Datasheet HTML 12Page - Omron Electronics LLC PL11 Datasheet HTML 13Page - Omron Electronics LLC PL11 Datasheet HTML 14Page - Omron Electronics LLC PL11 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
H3CA
11
From a solid-state circuit (proximity sensor, photoelectric sensor, or
the like) with rated power supply voltage ranging from 6 to 30 VDC,
input signals can also be applied by other than an open collector type
transistor as shown in the following diagram. The input signal from a
solid-state circuit is applied when output transistor Tr turns ON. In
terms of signal voltage, the signal is input when it goes from a high to
low level. Again, the residual voltage should be 1 V (max.) when the
transistor is ON. As the current output from the timer to Tr is
approximately 0.1 mA, this connection is possible provided the
residual voltage is kept to a maximum of 1 V.
Note: Except for the power supply circuitry, avoid the laying of input
signal wires in parallel or in the same conduit with high-tension
or power lines. It is recommended to use shielded wires or
wiring with independent metal conduits for the shortest
possible distance.
Solid-state circuit (proximity sensor,
photoelectric sensor, etc.)
H3CA-8
(+)
(-)
(+)
(-)
H3CA-8H


Similar Part No. - PL11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PL11 OMRON-PL11 Datasheet
323Kb / 7P
   GENERAL PURPOSE RELAY
PL11 OMRON-PL11 Datasheet
685Kb / 28P
   General-purpose Relays and Power Relays Sockets
PL11-Q OMRON-PL11-Q Datasheet
323Kb / 7P
   GENERAL PURPOSE RELAY
PL11-Q OMRON-PL11-Q Datasheet
685Kb / 28P
   General-purpose Relays and Power Relays Sockets
logo
STMicroelectronics
PL110Z STMICROELECTRONICS-PL110Z Datasheet
199Kb / 3P
   ZENDER DIODES DIODES ZENDER
More results

Similar Description - PL11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
H3CA-A OMRON-H3CA-A Datasheet
2Mb / 16P
   DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
E5C4 OMRON-E5C4 Datasheet
178Kb / 8P
   DIN-sized (48 x 48 mm) Temperature Controller With Digital Setting
E5C2 OMRON-E5C2 Datasheet
277Kb / 6P
   DIN-sized (48 x 48 mm) Temperature Controller with Analog Setting
Y92S-27 OMRON-Y92S-27 Datasheet
6Mb / 61P
   DIN 48 x 48-mm Multifunctional Timer Series
logo
Schneider Electric
RE48ASETCOV SCHNEIDER-RE48ASETCOV Datasheet
104Kb / 3P
   Harmony, Setting protective cover for timing relay 48 x 48 mm
logo
List of Unclassifed Man...
FKA01X724 ETC2-FKA01X724 Datasheet
169Kb / 3P
   24 x 48 digital counters
logo
Fuji Electric
EDS11-158C FUJI-EDS11-158C Datasheet
248Kb / 12P
   PX series digital temperature controller MICRO-CONTROLLER X (48 횞 48 mm)
logo
NXP Semiconductors
OM6211 PHILIPS-OM6211 Datasheet
243Kb / 48P
   48 X 84 dot matrix LCD driver
2002 Jan 17
logo
Panasonic Semiconductor
LNP105011 PANASONIC-LNP105011 Datasheet
90Kb / 1P
   288 X 96 mm 5 mm 48 X 16 Dots
logo
NXP Semiconductors
PCD8544 PHILIPS-PCD8544 Datasheet
154Kb / 32P
   48 x 84 pixels matrix LCD controller/driver
1999 Apr 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com