Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

G3VM41GR5 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part No. G3VM41GR5
Description  MOS FET Relay with Low Output Capacitance
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

G3VM41GR5 Datasheet(HTML) 3 Page - Omron Electronics LLC

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MOS FET Relays
G3VM-41GR5
107
■ Engineering Data
LED forward current vs.
Ambient temperature
IF - Ta
Continuous load current vs.
Ambient temperature
IO - Ta
LED forward current vs.
LED forward voltage
IF - VF
-20
0
20
40
60
80
100
120
0
20
40
60
80
100
-20
0
20
40
60
80
100
0
100
200
300
400
500
0.6
0.8
1
1.2
1.4
1.6
1.8
0.1
1
10
100
0.3
0.5
3
5
50
30
Ambient temperature Ta (
)
Ambient temperature Ta
LED forward voltage VF (V)
Continuous load current vs.
On-state voltage
IO - VON
On-state resistance vs.
Ambient temperature
RON - Ta
Trigger LED forward current vs.
Ambient temperature
IFT - Ta
-0.4
-0.2
0
0.2
0.4
-400
-200
0
200
400
-20
0
20
40
60
80
100
0
0.4
0.8
1.2
1.6
2
-20
0
20
40
60
80
100
0
1
2
3
4
5
On-state voltage VON (V)
Ambient temperature Ta (
)
Ambient temperature Ta (
)
Turn ON, Turn OFF time vs.
LED forward current
tON, tOFF - IF
Turn ON, Turn OFF time vs.
Ambient temperature
tON, tOFF - Ta
Current leakage vs.
Load voltage
I LEAK – VOFF
110
100
330
300
10
100
1000
30
300
3000
-20
0
20
40
60
80
100
0
50
100
150
200
250
300
350
010
20
30
40
5
10
15
LED forward current IF (mA)
Ambient temperature Ta (
Load voltage VOFF(v)
Output terminal capacitance
COFF/COFF(ov) vs. Load voltage
COFF VOFF
010
20
30
40
50
0.2
0.4
0.6
0.8
1
Load voltage VOFF(
v)
Ta = 25
°C
Ta = 25
°C
I F = 5 mA
t OFF
t ON
Ta = 25
°C
Ta = 25
t OFF
t ON
I O = 300 mA
I F = 5 mA
t < 1s
I O = 100 mA
t < 1s
Ta = 25
VDD = 10 V, RL = 200 Ω
VDD = 10 V,
RL = 200 Ω
I F = 10 mA


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn