Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVPAA202K Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EVPAA202K
Description  3.5 mm2.9 mm SMD Light Touch Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVPAA202K Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EVPAA202K Datasheet HTML 1Page - Panasonic Semiconductor EVPAA202K Datasheet HTML 2Page - Panasonic Semiconductor EVPAA202K Datasheet HTML 3Page - Panasonic Semiconductor EVPAA202K Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Light Touch Switches/EVPAA
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– ES88 –
φ3.3 to φ3.7
R0.1 mm
±0.05 mm
0.3 mm max.
Switch
Mounting surface
Test pole
Leaning angle range
90 ˚
±4˚
(vertical direction)
T
W
A
E
C
D
r
t
P2 P0
P1
t2
t1
φD0
A
Feeding hole
Chip component
Tape running direction
Chip pocket
Tape width=12.0 mm
180
260
MAX.
150
230
90
±30
40
±10
(Normal Temp.)
Soldering Time (s)
Fan or Normal Temp.
Embossed Carrier Taping
Recommended Reflow Soldering Conditions
Part No.
Height
A
B
W
F
E
P1
P2
P0
D0 Dia
t1
t2
EVPAA
1.7
4.5±0.2
3.8±0.2
12.0±0.3
5.5±0.1 1.75±0.10 8.0±0.1
2.0±0.1
4.0±0.1
1.5
+0.1
0.3±0.1 1.85±0.20
–0
Unit: mm
Standard Reel Dimensions in mm (not to scale)
Item
A
B
C
D
E
Rate (mm)
φ380.0±2.0 φ80.0±1.0 φ13.0±0.5 φ21.0±1.0
2.0±0.5
Item
W
T
t
r
Rate (mm)
13.5±1.0
17.5±1.0
Recommended Shape of Test Pole
Recommended Operating Conditions
Oct. 2012
00


Similar Part No. - EVPAA202K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVPAA202K PANASONIC-EVPAA202K Datasheet
146Kb / 8P
   LIGHT TOUCH SWITCH
EVPAA202K PANASONIC-EVPAA202K Datasheet
79Kb / 3P
   External dimensions 3.5 mm2.9 mm, Height 1.7 mm
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com